Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33161DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33161DR2
Description  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33161DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33161DR2 Datasheet HTML 1Page - ON Semiconductor MC33161DR2 Datasheet HTML 2Page - ON Semiconductor MC33161DR2 Datasheet HTML 3Page - ON Semiconductor MC33161DR2 Datasheet HTML 4Page - ON Semiconductor MC33161DR2 Datasheet HTML 5Page - ON Semiconductor MC33161DR2 Datasheet HTML 6Page - ON Semiconductor MC33161DR2 Datasheet HTML 7Page - ON Semiconductor MC33161DR2 Datasheet HTML 8Page - ON Semiconductor MC33161DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Power Supply Input Voltage
VCC
40
V
Comparator Input Voltage Range
Vin
− 1.0 to +40
V
Comparator Output Sink Current (Pins 5 and 6) (Note 2)
ISink
20
mA
Comparator Output Voltage
Vout
40
V
Power Dissipation and Thermal Characteristics (Note 2)
P Suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction−to−Air
D Suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction−to−Air
DM Suffix, Plastic Package, Case 846A
Thermal Resistance, Junction−to−Ambient
PD
RqJA
PD
RqJA
RqJA
800
100
450
178
240
mW
°C/W
mW
°C/W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 3)
MC34161
MC33161
NCV33161
TA
0 to +70
− 40 to +105
−40 to +125
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
2. Maximum package power dissipation must be observed.
3. Tlow =0°C for MC34161
Thigh = +70°C for MC34161
−40
°C for MC33161
+105
°C for MC33161
−40
°C for NCV33161
+125
°C for NCV33161


Similar Part No. - MC33161DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33161DR2 ONSEMI-MC33161DR2 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
MC33161DR2 ONSEMI-MC33161DR2 Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC33161DR2G ONSEMI-MC33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC33161DR2G ONSEMI-MC33161DR2G Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
More results

Similar Description - MC33161DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com