Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL57D Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EL57D
Description  5V ECL 4:1 Differential Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL57D Datasheet(HTML) 7 Page - ON Semiconductor

  MC100EL57D Datasheet HTML 1Page - ON Semiconductor MC100EL57D Datasheet HTML 2Page - ON Semiconductor MC100EL57D Datasheet HTML 3Page - ON Semiconductor MC100EL57D Datasheet HTML 4Page - ON Semiconductor MC100EL57D Datasheet HTML 5Page - ON Semiconductor MC100EL57D Datasheet HTML 6Page - ON Semiconductor MC100EL57D Datasheet HTML 7Page - ON Semiconductor MC100EL57D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10EL57, MC100EL57
http://onsemi.com
7
PACKAGE DIMENSIONS
0.25 (0.010)
T B
A
M
S
S
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
9.80
3.80
1.35
0.35
0.40
0.19
0.10
5.80
0.25
10.00
4.00
1.75
0.49
1.25
0.25
0.25
6.20
0.50
0.386
0.150
0.054
0.014
0.016
0.008
0.004
0.229
0.010
0.393
0.157
0.068
0.019
0.049
0.009
0.009
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
1
8
9
16
−A
−B
D 16PL
K
C
G
−T
SEATING
PLANE
R X 45°
M
J
F
P 8 PL
0.25 (0.010)
B
M
M
SO−16
D SUFFIX
CASE 751B−05
ISSUE J


Similar Part No. - MC100EL57D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL57D ONSEMI-MC100EL57D Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
MC100EL57DG ONSEMI-MC100EL57DG Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
MC100EL57DR2 ONSEMI-MC100EL57DR2 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
MC100EL57DR2G ONSEMI-MC100EL57DR2G Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results

Similar Description - MC100EL57D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10E457 ONSEMI-MC10E457_06 Datasheet
135Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
November, 2006 ??Rev. 8
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10E171 ONSEMI-MC10E171_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com