Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL57D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100EL57D
Description  5V ECL 4:1 Differential Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL57D Datasheet(HTML) 4 Page - ON Semiconductor

  MC100EL57D Datasheet HTML 1Page - ON Semiconductor MC100EL57D Datasheet HTML 2Page - ON Semiconductor MC100EL57D Datasheet HTML 3Page - ON Semiconductor MC100EL57D Datasheet HTML 4Page - ON Semiconductor MC100EL57D Datasheet HTML 5Page - ON Semiconductor MC100EL57D Datasheet HTML 6Page - ON Semiconductor MC100EL57D Datasheet HTML 7Page - ON Semiconductor MC100EL57D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EL57, MC100EL57
http://onsemi.com
4
Table 6. 10EL SERIES NECL DC CHARACTERISTICS VCC = 0 V; VEE = −5.0 V (Note 4)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
24
24
24
mA
VOH
Output HIGH Voltage (Note 5)
−1080
−990
−890
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 5)
−1950 −1800 −1650 −1950 −1790 −1630 −1950 −1773 −1595
mV
VIH
Input HIGH Voltage (Single−Ended)
−1230
−890
−1130
−810
−1060
−720
mV
VIL
Input LOW Voltage (Single−Ended)
−1950
−1500 −1950
−1480 −1950
−1445
mV
VBB
Output Voltage Reference
−1.43
−1.30
−1.35
−1.25
−1.31
−1.19
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 6)
−2.5
−0.4
−2.5
−0.4
−2.5
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.3
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Input and output parameters vary 1:1 with VCC. VEE can vary +0.06 V / −0.5 V.
5. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
6. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
Table 7. 100EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0 V (Note 7)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
24
24
27
mA
VOH
Output HIGH Voltage (Note 8)
3915
3995
4120
3975
4045
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 8)
3170
3305
3445
3190
3295
3380
3190
3295
3380
mV
VIH
Input HIGH Voltage (Single−Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3190
3525
3190
3525
3190
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 9)
2.5
4.6
2.5
4.6
2.5
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
8. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
9. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.


Similar Part No. - MC100EL57D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL57D ONSEMI-MC100EL57D Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
MC100EL57DG ONSEMI-MC100EL57DG Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
MC100EL57DR2 ONSEMI-MC100EL57DR2 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
MC100EL57DR2G ONSEMI-MC100EL57DR2G Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results

Similar Description - MC100EL57D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10E457 ONSEMI-MC10E457_06 Datasheet
135Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
November, 2006 ??Rev. 8
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10E171 ONSEMI-MC10E171_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com