Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33262DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33262DR2
Description  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33262DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33262DR2 Datasheet HTML 1Page - ON Semiconductor MC33262DR2 Datasheet HTML 2Page - ON Semiconductor MC33262DR2 Datasheet HTML 3Page - ON Semiconductor MC33262DR2 Datasheet HTML 4Page - ON Semiconductor MC33262DR2 Datasheet HTML 5Page - ON Semiconductor MC33262DR2 Datasheet HTML 6Page - ON Semiconductor MC33262DR2 Datasheet HTML 7Page - ON Semiconductor MC33262DR2 Datasheet HTML 8Page - ON Semiconductor MC33262DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MC34262, MC33262
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply and Zener Current
(ICC + IZ)
30
mA
Output Current, Source or Sink (Note 1)
IO
500
mA
Current Sense, Multiplier, and Voltage Feedback Inputs
Vin
−1.0 to +10
V
Zero Current Detect Input
High State Forward Current
Low State Reverse Current
Iin
50
−10
mA
Power Dissipation and Thermal Characteristics
P Suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction−to−Air
D Suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
800
100
450
178
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 3)
MC34262
MC33262
TA
0 to + 85
− 40 to +105
°C
Storage Temperature
Tstg
− 65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (VCC = 12 V (Note 2), for typical values TA = 25°C, for min/max values TA is the operating
ambient temperature range that applies (Note 3), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER
Voltage Feedback Input Threshold
TA = 25°C
TA = Tlow to Thigh (VCC = 12 V to 28 V)
VFB
2.465
2.44
2.5
2.535
2.54
V
Line Regulation (VCC = 12 V to 28 V, TA = 25°C)
Regline
1.0
10
mV
Input Bias Current (VFB = 0 V)
IIB
− 0.1
− 0.5
mA
Transconductance (TA = 25°C)
gm
80
100
130
mmho
Output Current
Source (VFB = 2.3 V)
Sink (VFB = 2.7 V)
IO
10
10
mA
Output Voltage Swing
High State (VFB = 2.3 V)
Low State (VFB = 2.7 V)
VOH(ea)
VOL(ea)
5.8
6.4
1.7
2.4
V
OVERVOLTAGE COMPARATOR
Voltage Feedback Input Threshold
VFB(OV)
1.065 VFB
1.08 VFB
1.095 VFB
V
MULTIPLIER
Input Bias Current, Pin 3 (VFB = 0 V)
IIB
− 0.1
− 0.5
mA
Input Threshold, Pin 2
Vth(M)
1.05 VOL(EA)
1.2 VOL(EA)
V
1. Maximum package power dissipation limits must be observed.
2. Adjust VCC above the startup threshold before setting to 12 V.
3. Tlow =0°C for MC34262
Thigh = +85°C for MC34262
= −40
°C for MC33262
= +105
°C for MC33262.


Similar Part No. - MC33262DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33262DR2G ONSEMI-MC33262DR2G Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

Similar Description - MC33262DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com