Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL35MNR4 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EL35MNR4
Description  5V ECL JK Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL35MNR4 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EL35MNR4 Datasheet HTML 1Page - ON Semiconductor MC100EL35MNR4 Datasheet HTML 2Page - ON Semiconductor MC100EL35MNR4 Datasheet HTML 3Page - ON Semiconductor MC100EL35MNR4 Datasheet HTML 4Page - ON Semiconductor MC100EL35MNR4 Datasheet HTML 5Page - ON Semiconductor MC100EL35MNR4 Datasheet HTML 6Page - ON Semiconductor MC100EL35MNR4 Datasheet HTML 7Page - ON Semiconductor MC100EL35MNR4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EL35, MC100EL35
http://onsemi.com
5
ORDERING INFORMATION
Device
Package
Shipping
MC10EL35D
SOIC−8
98 Units / Rail
MC10EL35DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EL35DR2
SOIC−8
2500 / Tape & Reel
MC10EL35DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EL35DT
TSSOP−8
100 Units / Rail
MC10EL35DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EL35DTR2
TSSOP−8
2500 / Tape & Reel
MC10EL35DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EL35MNR4
DFN8
1000 / Tape & Reel
MC10EL35MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EL35D
SOIC−8
98 Units / Rail
MC100EL35DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EL35DR2
SOIC−8
2500 / Tape & Reel
MC100EL35DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EL35DT
TSSOP−8
100 Units / Rail
MC100EL35DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EL35DTR2
TSSOP−8
2500 / Tape & Reel
MC100EL35DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EL35MNR4
DFN8
1000 / Tape & Reel
MC100EL35MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100EL35MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL35 ONSEMI-MC100EL35 Datasheet
75Kb / 3P
   JK Flip-Flop
1996 REV 2
MC100EL35D ONSEMI-MC100EL35D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL35DG ONSEMI-MC100EL35DG Datasheet
157Kb / 7P
   5 V ECL JK Flip?륡lop
July, 2016 ??Rev. 8
MC100EL35DTG ONSEMI-MC100EL35DTG Datasheet
157Kb / 7P
   5 V ECL JK Flip?륡lop
July, 2016 ??Rev. 8
More results

Similar Description - MC100EL35MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35 Datasheet
47Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EL35 ONSEMI-MC10EL35 Datasheet
75Kb / 3P
   JK Flip-Flop
1996 REV 2
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com