Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL89DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EL89DR2
Description  5V ECL Coaxial Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL89DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EL89DR2 Datasheet HTML 1Page - ON Semiconductor MC10EL89DR2 Datasheet HTML 2Page - ON Semiconductor MC10EL89DR2 Datasheet HTML 3Page - ON Semiconductor MC10EL89DR2 Datasheet HTML 4Page - ON Semiconductor MC10EL89DR2 Datasheet HTML 5Page - ON Semiconductor MC10EL89DR2 Datasheet HTML 6Page - ON Semiconductor MC10EL89DR2 Datasheet HTML 7Page - ON Semiconductor MC10EL89DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL89
http://onsemi.com
2
Table 1. PIN DESCRIPTION
PIN
Function
D, D
ECL Data Inputs
Q0, Q0; Q1, Q1
ECL Data Outputs (1.6 Vpp)
VCC
Positive Supply
VEE
Negative Supply
EP
Exposed pad must be connected to a sufficient thermal conduit.
Electrically connect to the most negative supply or leave floating open.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
50 KW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
> 2 kV
> 100 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
31
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
SO−8
SO−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SO−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−8
41 to 44 ± 5%
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
DFN8
DFN8
129
84
°C/W
°C/W
Tsol
Wave Solder
Pb
Pb−Free
<2 to 3 sec @ 248°C
<2 to 3 sec @ 260°C
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - MC10EL89DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL89DR2G ONSEMI-MC10EL89DR2G Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
More results

Similar Description - MC10EL89DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89V MICREL-SY10EP89V_05 Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_06 Datasheet
126Kb / 8P
   5V ECL Quad Driver
November, 2006 ??Rev. 8
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com