Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL52D Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EL52D
Description  5V ECL Differential Data and Clock D Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL52D Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EL52D Datasheet HTML 1Page - ON Semiconductor MC100EL52D Datasheet HTML 2Page - ON Semiconductor MC100EL52D Datasheet HTML 3Page - ON Semiconductor MC100EL52D Datasheet HTML 4Page - ON Semiconductor MC100EL52D Datasheet HTML 5Page - ON Semiconductor MC100EL52D Datasheet HTML 6Page - ON Semiconductor MC100EL52D Datasheet HTML 7Page - ON Semiconductor MC100EL52D Datasheet HTML 8Page - ON Semiconductor MC100EL52D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC10EL52, MC100EL52
http://onsemi.com
5
Table 8. AC CHARACTERISTICS VCC = 5.0 V; VEE = 0 V or VCC = 0 V; VEE = −5.0 V (Note 13)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.8
2.5
2.2
2.8
2.2
2.8
GHz
tPLH
tPHL
Propagation Delay
to Output CLK
225
335
515
275
365
465
320
410
510
ps
tS
Setup Time
125
0
125
0
125
0
ps
tH
Hold Time
150
50
150
50
150
50
ps
tPW
Minimum Pulse Width
400
400
400
ps
VPP
Input Swing (Note 14)
150
1000
150
1000
150
1000
mV
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
100
225
350
100
225
350
100
225
350
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
13.10 Series: VEE can vary +0.25 V / −0.5 V for +25°C and +85°C. or VEE can vary +0.06 V / −0.5 V for −40°C
100 Series: VEE can vary +0.8 V / −0.5 V.
14.VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 3.0 V


Similar Part No. - MC100EL52D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL52D ONSEMI-MC100EL52D Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
MC100EL52D ONSEMI-MC100EL52D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL52DG ONSEMI-MC100EL52DG Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100EL52DR2 ONSEMI-MC100EL52DR2 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
MC100EL52DR2G ONSEMI-MC100EL52DR2G Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
More results

Similar Description - MC100EL52D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com