Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E164FNR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10E164FNR2
Description  5V ECL 16:1 Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E164FNR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E164FNR2 Datasheet HTML 1Page - ON Semiconductor MC10E164FNR2 Datasheet HTML 2Page - ON Semiconductor MC10E164FNR2 Datasheet HTML 3Page - ON Semiconductor MC10E164FNR2 Datasheet HTML 4Page - ON Semiconductor MC10E164FNR2 Datasheet HTML 5Page - ON Semiconductor MC10E164FNR2 Datasheet HTML 6Page - ON Semiconductor MC10E164FNR2 Datasheet HTML 7Page - ON Semiconductor MC10E164FNR2 Datasheet HTML 8Page - ON Semiconductor MC10E164FNR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 8
1
Publication Order Number:
MC10E164/D
MC10E164, MC100E164
5VECL 16:1 Multiplexer
Description
The MC10E/100E164 is a 16:1 multiplexer with a differential
output. The select inputs (SEL0, 1, 2, 3 ) control which one of the
sixteen data inputs (A0 − A15) is propagated to the output.
Special attention to the design layout results in a typical skew
between the 16 inputs of only 50 ps.
The 100 Series contains temperature compensation.
Features
850 ps Data Input to Output
Differential Output
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection: Human Body Model; > 2 kV,
Machine Model; > 200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level:
Pb = 1
Pb−Free = 3
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 213 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxE164FNG
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC10E164FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E164FNR2G ONSEMI-MC10E164FNR2G Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
More results

Similar Description - MC10E164FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
MC100LVE164 ONSEMI-MC100LVE164_06 Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com