Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E167FN Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100E167FN
Description  5V ECL 6-Bit 2:1 MUX-Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E167FN Datasheet(HTML) 2 Page - ON Semiconductor

  MC100E167FN Datasheet HTML 1Page - ON Semiconductor MC100E167FN Datasheet HTML 2Page - ON Semiconductor MC100E167FN Datasheet HTML 3Page - ON Semiconductor MC100E167FN Datasheet HTML 4Page - ON Semiconductor MC100E167FN Datasheet HTML 5Page - ON Semiconductor MC100E167FN Datasheet HTML 6Page - ON Semiconductor MC100E167FN Datasheet HTML 7Page - ON Semiconductor MC100E167FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10E167, MC100E167
http://onsemi.com
2
Q0
VCCO
NC
D3a
D3b
D4a
D4b
D5a
D5b
CLK1
CLK2
VEE
MR
SEL
D0a
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
567
89
10
Q5
Q4
VCC
Q3
Q2
VCCO
Q1
D0bD1aD1bD2aD2bVCCO
1
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
Figure 1. 28−Lead Pinout Assignment
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Figure 2. Logic Diagram
D0a
D0b
D1a
D1b
D2a
D2b
D3a
D3b
D4a
D4b
SEL
CLK1
CLK2
MR
Q0
Q1
Q2
Q3
Q4
D Q
R
D Q
R
D Q
R
D
Q
R
D
Q
R
D5a
D5b
Q5
D
Q
R
SEL
MUX
SEL
MUX
SEL
MUX
SEL
MUX
SEL
MUX
SEL
MUX
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D0a − D5a
D0b − D5b
SEL
CLK1, CLK2
MR
Q0 − Q5
VCC, VCCO
VEE
NC
ECL Input Data a
ECL Input Data b
ECL Select Input
ECL Clock Inputs
ECL Master Reset
ECL Data Outputs
Positive Supply
Negative Supply
No Connect
Table 2. FUNCTION TABLE
SEL
Data
H
L
a
b


Similar Part No. - MC100E167FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E167 ONSEMI-MC100E167 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-REGISTER
REV 2
More results

Similar Description - MC100E167FN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
   6-BIT 2:1 MUX-REGISTER
logo
ON Semiconductor
MC10E167 ONSEMI-MC10E167 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-REGISTER
REV 2
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_16 Datasheet
156Kb / 8P
   5V ECL 6?륛it 2:1 MUX?륱egiste
July, 2016 ??Rev. 9
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E156 ONSEMI-MC10E156_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
   5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com