Part Name
         Description
MC44605_06

 High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications ( 20 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 4 page
background image
MC44605
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC and VC = 12 V, Rref = 10 kW, CT = 2.2 nF, for typical values TA = 25°C, for
min/max values TA = −25° to +85°C unless otherwise noted.) (Note 4)
Characteristic
Pin #
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Voltage Feedback Input (VE/A out = 2.5 V)
14
VFB
2.4
2.5
2.6
V
Input Bias Current (VFB = 2.5 V)
14
IFB−ib
−2.0
−0.6
mA
Open Loop Voltage Gain (VE/A out = 2.0 V to 4.0 V)
AVOL
65
70
dB
Unity Gain Bandwidth
TJ = 25°C
TA = −25° to +85°C
BW
5.5
MHz
Voltage Feedback Input Line Regulation (VCC = 10 V to 15 V)
VFBline−reg
−10
10
mV
Output Current
Sink (VE/A out = 1.5 V, VFB = 2.7 V)
TA = −25° to +85°C
Source (VE/A out = 5.0 V, VFB = 2.3 V)
TA = −25° to +85°C
13
ISink
ISource
2.0
−2.0
12
−0.2
mA
Output Voltage Swing
High State (IE/A out (source) = 0.5 mA, VFB = 2.3 V)
Low State (IE/A out (sink) = 0.33 mA, VFB = 2.7 V)
13
VOH
VOL
5.5
6.5
1.0
7.5
1.1
V
CURRENT SENSE SECTION
Maximum Current Sense Input Threshold
(VFeedback (pin14) = 2.3 V and VSoft−Start (pin11) = 1.2 V)
7
Vcs−th
0.96
1.0
1.04
V
Input Bias Current
7
Ics−ib
−10
−2.0
mA
Propagation Delay (Current Sense Input to Output at VTH of MOS
transistor = 3.0 V)
tPLH(In/Out)
120
200
ns
OSCILLATOR AND SYNCHRONIZATION SECTION
Frequency (TA = −25° to +85°C)
FOSC
16
20
kHz
Frequency Change with Voltage (VCC = 10 V to 15 V)
DFOSC/DV
0.05
%/V
Frequency Change with Temperature (TA = −25° to +85°C)
DFOSC/DT
0.05
%/
°C
Ratio Charge Current/Reference Current (TA = −25° to +85°C)
Icharge/Iref
0.39
0.48
Free Mode Oscillator Ratio = Idischarge/(Idischarge + Icharge)
D
72
75
78
%
Synchronization Input Threshold Voltage
9
Vsyncth
−250
−200
−150
mV
Negative Clamp Level (Isyncth−in = 2.0 mA)
NEG−SYNC
−0.65
−0.5
−0.34
V
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold
1
Vstup−th
13.6
14.5
15.4
V
Disable Voltage After Threshold Turn−On (UVLO 1)
(TA = −25° to +85°C)
1
Vdisable1
8.3
9.6
V
Disable Voltage After Threshold Turn−On (UVLO 2)
(TA = −25° to +85°C)
1
Vdisable2
7.0
7.5
8.0
V
4. Adjust VCC above the startup threshold before setting to 12 V. Low duty cycle pulse techniques are used during test to maintain junction
temperature as close to ambient as possible.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC44604_05High Safety Pulsed Mode Standby GreenLine TM PWM Controller 1 2 3 4 5 MoreON Semiconductor
AP3842High Performance Current Mode PWM Controller 1 2 3 4 5 MoreAnachip Corp
SC2602Synchronous Voltage Mode Controller for Distributed Power Supply Applications 1 2 3 4 5 MoreSemtech Corporation
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
MBT35200MT1_05High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
NCP1282High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup 1 2 3 4 5 MoreON Semiconductor
NCP1337PWM Current−Mode Controller for Free Running Quasi−Resonant Operation 1 2 3 4 5 MoreON Semiconductor
MC44603A_05Enhanced Mixed Frequency Mode GreenLine TM PWM Controller:Fixed Frequency Variable Frequency Standby Mode 1 2 3 4 5 MoreON Semiconductor
NCP1381Low−Standby High Performance PWM Controller 1 2 3 4 5 MoreON Semiconductor
FAN7601_05Green Current Mode PWM Controller 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl