Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E212 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E212
Description  5V ECL 3-Bit Scannable Registered Address Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E212 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E212_06 Datasheet HTML 1Page - ON Semiconductor MC10E212_06 Datasheet HTML 2Page - ON Semiconductor MC10E212_06 Datasheet HTML 3Page - ON Semiconductor MC10E212_06 Datasheet HTML 4Page - ON Semiconductor MC10E212_06 Datasheet HTML 5Page - ON Semiconductor MC10E212_06 Datasheet HTML 6Page - ON Semiconductor MC10E212_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LOGIC DIAGRAM
D2
D1
D0
S-IN
LOAD
SHIFT
CLK
MR
D
Q
D
D
Q
Q
S-OUT
Q2b
Q2a
Q2b
Q2a
Q1b
Q1a
Q1b
Q1a
Q0b
Q0a
Q0b
Q0a
1
0
1
0
1
0
1
0
1
0
1
0
MC10E212, MC100E212
http://onsemi.com
2
5
25
24
23
22
21
20
19
18
17
16
15
14
13
12
56
7
8
9
10
11
26
27
28
2
3
4
SHIFT MR NC S-OUT VCCO Q2b Q2a
Q2b
Q2a
VCC
Q1b
Q1a
Q1b
Q1a
NC VCCO Q0a
LOAD
CLK
D2
VEE
D1
D0
S-IN
Q0bQ0a Q0b VCCO
1
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
PIN DESCRIPTION
PIN
FUNCTION
D0 − D2
ECL Data Inputs
S-IN
ECL Scan Input
LOAD
ECL LOAD/HOLD Control
SHIFT
ECL Scan Control
CLK
ECL Clock
MR
ECL Reset
S-OUT
ECL Scan Output
Q[0:2]a, Q[0:2]b
ECL True Outputs
Q[0:2]a, Q[0:2]b
ECL Inverting Outputs
VCC, VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect
FUNCTION TABLE
LOAD
SHIFT
MR
MODE
L
L
L
Load
H
L
L
Hold
X
H
L
Shift
X
X
H
Reset


Similar Part No. - MC10E212_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
   3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
More results

Similar Description - MC10E212_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
   3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
   5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E337 ONSEMI-MC10E337 Datasheet
116Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337 Datasheet
64Kb / 4P
   3-BIT SCANNABLE
SY10E212 MICREL-SY10E212 Datasheet
61Kb / 4P
   3-BIT SCANNABLE REGISTER
SY10E212 MICREL-SY10E212_06 Datasheet
63Kb / 4P
   3-BIT SCANNABLE REGISTER
logo
Pericom Semiconductor C...
PI74AVC16345 PERICOM-PI74AVC16345 Datasheet
474Kb / 10P
   2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com