Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF4319 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MGF4319
Description  Super Low Noise InGaAs HEMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF4319 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MGF4319 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF4319 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF4319 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MGF431xG
MITSUBISHI SEMICONDUCTOR <GaAs FET>
Super Low Noise InGaAs HEMT
MITSUBISHI
ELECTRIC
as of Apr.'98
f
S11
S21
S12
S22
MSG/MAG
K
(GHz)
Magn.
Angle
Magn.
Angle
Magn.
Angle
Magn.
Angle
(dB)
1
0.990
-22.3
5.775
158.1
0.020
71.9
0.533
-19.2
28.8
0.10
2
0.967
-40.6
5.585
140.6
0.035
61.8
0.514
-33.4
26.5
0.19
3
0.925
-53.2
5.401
128.9
0.051
53.3
0.489
-42.9
24.3
0.27
4
0.874
-70.9
5.161
111.8
0.064
42.4
0.457
-58.2
21.6
0.35
5
0.831
-88.8
4.899
96.8
0.075
29.3
0.424
-71.6
19.8
0.43
6
0.783
-105.7
4.626
80.8
0.083
19.0
0.391
-87.5
18.1
0.50
7
0.743
-120.6
4.316
67.9
0.087
9.1
0.369
-100.6
16.8
0.57
8
0.706
-132.1
4.100
56.4
0.090
4.1
0.357
-110.8
15.9
0.64
9
0.682
-144.7
3.887
43.2
0.093
-6.4
0.357
-122.3
15.1
0.69
10
0.670
-159.1
3.765
30.1
0.094
-14.3
0.351
-133.0
14.7
0.72
11
0.639
-171.8
3.617
17.5
0.095
-24.4
0.339
-143.5
14.0
0.80
12
0.617
175.3
3.526
4.5
0.096
-33.5
0.329
-154.0
13.5
0.86
13
0.591
163.1
3.421
-8.1
0.094
-42.5
0.328
-163.9
13.0
0.91
14
0.571
152.9
3.349
-17.4
0.094
-50.9
0.328
-171.3
12.7
0.95
15
0.565
140.1
3.333
-29.6
0.096
-61.1
0.343
179.5
12.7
0.96
16
0.560
125.8
3.349
-44.4
0.098
-74.1
0.351
170.5
12.7
0.98
17
0.533
109.8
3.356
-59.9
0.101
-88.8
0.337
161.8
12.5
1.01
18
0.484
91.2
3.337
-77.0
0.104
-105.1
0.310
151.6
12.1
1.11
Typical Characteristics
S Parameters (Ta=25˚C , VDS=2V , ID=10mA )
Noise Parameters (Ta=25˚C , VDS=2V , ID=10mA )
f
(GHz)
G opt.
Rn
(
Ω)
NFmin.(dB)
Gs
(dB)
Magn.
Angle
4
0.76
49
12.5
0.31
18.3
8
0.59
95
4.7
0.47
15.9
12
0.48
139
2.3
0.60
13.5
14
0.41
166
1.8
0.69
12.3
18
0.34
-142
1.5
0.88
9.9
MGF4316G MGF4319G
0.24
0.35
0.45
0.50
0.61


Similar Part No. - MGF4319

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
MGF40 COSEL-MGF40 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
logo
Mitsubishi Electric Sem...
MGF4714CP MITSUBISHI-MGF4714CP Datasheet
17Kb / 3P
   PLASTIC MOLD PACKAGED LOW NOISE InGaAs HEMT
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
MGF4910E MITSUBISHI-MGF4910E Datasheet
198Kb / 4P
   SUPER LOW MOISE InGaAs HEMT
More results

Similar Description - MGF4319

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4961B MITSUBISHI-MGF4961B Datasheet
111Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF4941AL MITSUBISHI-MGF4941AL Datasheet
124Kb / 6P
   SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A_04 Datasheet
184Kb / 5P
   SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A Datasheet
182Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF491XG MITSUBISHI-MGF491XG Datasheet
19Kb / 3P
   SUPER LOW NOISE InGaAs HEMT
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
   TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4953B MITSUBISHI-MGF4953B Datasheet
119Kb / 5P
   SUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package
MGF4953A MITSUBISHI-MGF4953A Datasheet
205Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4910E MITSUBISHI-MGF4910E Datasheet
198Kb / 4P
   SUPER LOW MOISE InGaAs HEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com