Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT22DTR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100ELT22DTR2
Description  5.0 V Dual TTL to Differential PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT22DTR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100ELT22DTR2 Datasheet HTML 1Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 2Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 3Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 4Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 5Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 6Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 7Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10ELT22, MC100ELT22
http://onsemi.com
5
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10ELT22D
SO−8
98 Units / Rail
MC10ELT22DG
SO−8
(Pb−Free)
98 Units / Rail
MC10ELT22DR2
SO−8
2500 Tape & Reel
MC10ELT22DR2G
SO−8
(Pb−Free)
2500 Tape & Reel
MC10ELT22DT
TSSOP−8
100 Units / Rail
MC10ELT22DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10ELT22DTR2
TSSOP−8
2500 Tape & Reel
MC10ELT22DTR2G
TSSOP−8
(Pb−Free)
2500 Tape & Reel
MC100ELT22D
SO−8
98 Units / Rail
MC100ELT22DG
SO−8
(Pb−Free)
98 Units / Rail
MC100ELT22DR2
SO−8
2500 Tape & Reel
MC100ELT22DR2G
SO−8
(Pb−Free)
2500 Tape & Reel
MC100ELT22DT
TSSOP−8
100 Units / Rail
MC100ELT22DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100ELT22DTR2
TSSOP−8
2500 Tape & Reel
MC100ELT22DTR2G
TSSOP−8
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - MC100ELT22DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT22DTR2 ONSEMI-MC100ELT22DTR2 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
MC100ELT22DTR2G ONSEMI-MC100ELT22DTR2G Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
More results

Similar Description - MC100ELT22DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com