Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC75172BDW Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC75172BDW
Description  Quad EIA??85 Line Drivers with Three?뭆tate Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75172BDW Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC75172BDW Datasheet HTML 5Page - ON Semiconductor MC75172BDW Datasheet HTML 6Page - ON Semiconductor MC75172BDW Datasheet HTML 7Page - ON Semiconductor MC75172BDW Datasheet HTML 8Page - ON Semiconductor MC75172BDW Datasheet HTML 9Page - ON Semiconductor MC75172BDW Datasheet HTML 10Page - ON Semiconductor MC75172BDW Datasheet HTML 11Page - ON Semiconductor MC75172BDW Datasheet HTML 12Page - ON Semiconductor MC75172BDW Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MC75172B, MC75174B
http://onsemi.com
10
Termination Resistors
Transmission line theory states that, in order to preserve
the shape and integrity of a waveform traveling along a
cable, the cable must be terminated in an impedance equal
to its characteristic impedance. In a system such as that
depicted in Figure 18, in which data can travel in both
directions, both physical ends of the cable must be
terminated. Stubs, leading to each receiver and driver,
should be as short as possible.
Leaving off the terminations will generally result in
reflections which can have amplitudes of several volts
above VCC or below ground. These overshoots and
undershoots can disrupt the driver and/or receiver
operation, create false data, and in some cases damage
components on the bus.
Figure 18. Typical EIA−485 System
NOTES:
1.Terminating resistors RT must be located at the physical ends of the cable.
2.Stubs should be as short as possible.
3.Circuit ground of all drivers and receivers must be connected via a dedicated wire within the cable.
Do not rely on chassis ground or power line ground.
#8
TTL
R
TTL
TTL
#3
TTL
R
En
#2
TTL
TTL
En
TTL
R
TTL
#1
R
TTL
RT
#1
En
D
#3
D
#5
D
TTL
En
#6
R
TTL
R
En
#5
R
#6
D
#7
RT
TTL
TTL
R
En
TTL
#4
D
5 “off” drivers (@ 0.06 U.L. each),
+8 receivers (@ 1.0 U.L. each) = 8.3 Unit Loads
RT = 120 W at each end of the cable.
#4
D
#2
120
W
Twisted
Pair


Similar Part No. - MC75172BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75172BDW ONSEMI-MC75172BDW Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC75172BDW ONSEMI-MC75172BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172BDW MOTOROLA-MC75172BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
More results

Similar Description - MC75172BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
MC34058 MOTOROLA-MC34058 Datasheet
240Kb / 12P
   HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
NTE Electronics
NTE7175 NTE-NTE7175 Datasheet
40Kb / 3P
   Integrated Circuit Quad EIA−422 Line Driver With Three−State Outputs
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
   Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
Aeroflex Circuit Techno...
UT54ACS365 AEROFLEX-UT54ACS365 Datasheet
234Kb / 10P
   Hex Buffers/Line Drivers with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com