Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E211 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10E211
Description  5V ECL 1:6 Differential Clock Distribution Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E211 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10E211 Datasheet HTML 2Page - ON Semiconductor MC10E211 Datasheet HTML 3Page - ON Semiconductor MC10E211 Datasheet HTML 4Page - ON Semiconductor MC10E211 Datasheet HTML 5Page - ON Semiconductor MC10E211 Datasheet HTML 6Page - ON Semiconductor MC10E211 Datasheet HTML 7Page - ON Semiconductor MC10E211 Datasheet HTML 8Page - ON Semiconductor MC10E211 Datasheet HTML 9Page - ON Semiconductor MC10E211 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10E211, MC100E211
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 13)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
700
700
MHz
tPLH
tPHL
Propagation Delay to Output
CLK to Q (Diff)
CLK to Q (SE)
SCLK to Q
SEL to Q
795
745
650
745
930
930
900
970
1065
1115
1085
1195
805
755
650
755
940
940
910
980
1075
1125
1095
1205
825
775
650
775
960
960
930
1000
1095
1145
1115
1225
ps
tPHL
Disable Time
CLK or SCLK to Q (Note 15)
600
800
600
800
600
800
ps
tskew
Part−to−Part Skew
CLK (Diff) to Q
CLK (SE), SCLK to Q
Within−Device Skew (Note 14)
50
270
370
75
50
270
370
75
270
370
75
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
ts
Setup Time
ENx to CLK
CEN to CLK (Note 15)
200
200
−100
0
200
200
−100
0
200
200
−100
0
ps
th
Hold Time
CLK to ENx, CEN (Note 15)
900
600
900
160
900
600
ps
VPP
Minimum Input Swing (CLK) (Note 16)
0.25
1.0
0.25
1.0
0.25
1.0
V
tr
tf
Rise/Fall Times
(20 − 80%)
150
400
150
400
150
400
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
13.10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
14.Within−Device skew is defined for identical transitions on similar paths through a device.
15.Setup, Hold and Disable times are all relative to a falling edge on CLK or SCLK.
16.Minimum input swing for which AC parameters are guaranteed. Full DC ECL output swings will be generated with only 50 mV input swings.


Similar Part No. - MC10E211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
123Kb / 7P
   1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
1996 REV 3
More results

Similar Description - MC10E211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
logo
Pericom Semiconductor C...
PI90LV211 PERICOM-PI90LV211 Datasheet
185Kb / 9P
   1:6 Differential Clock Distribution Chip
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
123Kb / 7P
   1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com