Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E416 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E416
Description  5V ECL Quint Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E416 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E416 Datasheet HTML 1Page - ON Semiconductor MC10E416 Datasheet HTML 2Page - ON Semiconductor MC10E416 Datasheet HTML 3Page - ON Semiconductor MC10E416 Datasheet HTML 4Page - ON Semiconductor MC10E416 Datasheet HTML 5Page - ON Semiconductor MC10E416 Datasheet HTML 6Page - ON Semiconductor MC10E416 Datasheet HTML 7Page - ON Semiconductor MC10E416 Datasheet HTML 8Page - ON Semiconductor MC10E416 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10E416, MC100E416
http://onsemi.com
2
D3
D2
D2
VEE
VBB
D0
D0
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
567
89
10
D3
D4
D4 VCCO Q4
Q4 VCCO
Q3
Q3
VCC
Q2
Q2
VCCO
Q1
D1
D1 VCCO Q0
Q0 VCCO Q1
1
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
Figure 1. 28−Lean Pinout Assignment
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Figure 2. Logic Diagram
D0
D0
D1
D1
D2
D2
D3
D3
D4
D4
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
VBB
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D[0:4], D[0:4]
ECL Differential Data Inputs
Q[0:4], Q[0:4]
ECL Differential Data Outputs
VBB
Reference Voltage Output
VCC, VCCO
Positive Supply
VEE
Negative Supply


Similar Part No. - MC10E416

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 2
More results

Similar Description - MC10E416

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116_16 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC10E116 ONSEMI-MC10E116_06 Datasheet
138Kb / 9P
   5V ECL Quint Differential Line Receiver
November, 2006 ??Rev. 10
MC10E136 ONSEMI-MC10E136_16 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
logo
Arizona Microtek, Inc
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
   ECL/PECL Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E416 MICREL-SY10E416_06 Datasheet
62Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com