Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E431 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E431
Description  5V ECL 3-Bit Differential Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E431 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E431 Datasheet HTML 1Page - ON Semiconductor MC10E431 Datasheet HTML 2Page - ON Semiconductor MC10E431 Datasheet HTML 3Page - ON Semiconductor MC10E431 Datasheet HTML 4Page - ON Semiconductor MC10E431 Datasheet HTML 5Page - ON Semiconductor MC10E431 Datasheet HTML 6Page - ON Semiconductor MC10E431 Datasheet HTML 7Page - ON Semiconductor MC10E431 Datasheet HTML 8Page - ON Semiconductor MC10E431 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10E431, MC100E431
http://onsemi.com
2
CLK0 CLK0 D0
D0
R0
D2
D2
CLK2
CLK2
VBB
VCCO
CLK1
CLK1
R1
VEE
S1
D1
D1
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
56
7
8
9
10
R2
S2
Q2
Q2
VCC
Q1
Q1
Q0
Q0
S0
1
* All VCC and VCCO pins are tied together on the die.
Figure 1. Pinout: PLCC−28 (Top View)
Warning: All VCC, VCCO, and VEE pins must be externally con-
nected to Power Supply to guarantee proper operation.
MC10E431/MC100E431
Figure 2. Logic Diagram
S0
D0
D0
CLK0
CLK0
R0
S1
D1
D1
CLK1
CLK1
R1
S2
D2
D2
CLK2
CLK2
R2
VBB
Q0
Q0
Q1
Q1
Q2
Q2
S
Q
R
Q
D
S
Q
R
Q
D
S
Q
R
Q
D
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D[0:2], D[0:2]
ECL Differential Data Inputs
CLK[0:2], CLK[0:2]
ECL Differential Clock
S[0:2]
ECL Edge Triggered Set Inputs
R[0:2]
ECL Edge Triggered Reset Input
Q[0:2], Q[0:2]
ECL Differential Data Outputs
VBB
Reference Voltage Output
VCC, VCCO
Positive Supply
VEE
Negative Supply
Table 2. FUNCTION TABLE
Dn
CLKn
Rn
Sn
Qn
L
Z
L
L
L
H
Z
L
L
H
X
X
Z
L
L
X
X
L
Z
H
Z = Low to high transition
X = Don’t Care


Similar Part No. - MC10E431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E431 ONSEMI-MC10E431 Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
MC10E431 ONSEMI-MC10E431 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E431FN ONSEMI-MC10E431FN Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
MC10E431FNG ONSEMI-MC10E431FNG Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E431FNR2 ONSEMI-MC10E431FNR2 Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
More results

Similar Description - MC10E431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10E131 ONSEMI-MC10E131_06 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10EL35 ONSEMI-MC10EL35_06 Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC10E431 ONSEMI-MC10E431 Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431_06 Datasheet
62Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431 Datasheet
61Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com