Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E446 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10E446
Description  5V ECL 4-Bit Parallel/Serial Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E446 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC10E446 Datasheet HTML 3Page - ON Semiconductor MC10E446 Datasheet HTML 4Page - ON Semiconductor MC10E446 Datasheet HTML 5Page - ON Semiconductor MC10E446 Datasheet HTML 6Page - ON Semiconductor MC10E446 Datasheet HTML 7Page - ON Semiconductor MC10E446 Datasheet HTML 8Page - ON Semiconductor MC10E446 Datasheet HTML 9Page - ON Semiconductor MC10E446 Datasheet HTML 10Page - ON Semiconductor MC10E446 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC10E446, MC100E446
http://onsemi.com
7
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
FMAX
Max Conversion Frequency
1.3
1.6
1.3
1.6
1.3
1.6
Gb/s
NRZ
tPLH
tPHL
Propagation Delay to Output
CLK to SOUT (Note 10)
CLK to CL/4
CLK to CL/8
SYNC to CL/4, CL/8
1020
650
800
650
1200
850
1050
850
1480
1050
1300
1100
1020
650
800
650
1200
850
1050
850
1480
1050
1300
1100
1020
650
800
650
1200
850
1050
850
1480
1050
1300
1100
ps
ts
Setup Time (Note 11)
SIN, Dn
-200
-450
-200
−450
−200 −450
ps
th
Hold Time (Note 11)
SIN, Dn
900
650
900
650
900
650
ps
tRR
Reset Recovery Time
SYNC
500
300
500
300
500
300
ps
tPW
Min Pulse Width
CLK, MR
300
300
300
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
VPP
Input Voltage Swing (Differential Configuration)
150
1000
150
1000
150
1000
mV
tr
tf
Rise/Fall Times (20% - 80%)
SOUT
Other
100
200
225
425
350
650
100
200
225
425
350
650
100
200
225
425
350
650
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
10.Propagation delays measured from negative going clock edge.
11. Relative to negative clock edge.
CLK
D
th
ts
Valid Data
Setup
Hold
CLK
SYNC
trr
Figure 3.


Similar Part No. - MC10E446

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
More results

Similar Description - MC10E446

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com