Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E446 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC10E446
Description  5V ECL 4-Bit Parallel/Serial Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E446 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC10E446 Datasheet HTML 4Page - ON Semiconductor MC10E446 Datasheet HTML 5Page - ON Semiconductor MC10E446 Datasheet HTML 6Page - ON Semiconductor MC10E446 Datasheet HTML 7Page - ON Semiconductor MC10E446 Datasheet HTML 8Page - ON Semiconductor MC10E446 Datasheet HTML 9Page - ON Semiconductor MC10E446 Datasheet HTML 10Page - ON Semiconductor MC10E446 Datasheet HTML 11Page - ON Semiconductor MC10E446 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC10E446, MC100E446
http://onsemi.com
8
Timing Diagram A. 4:1 Parallel to Serial Conversion
D0−1
D1−1
D2−1
D3−1
D0−2
D1−2
D2−2
D3−2
D0−1
D1−1
D2−1
D3−1
D0−2
D1−2
D2−2
D3−2
CLK
RESET
D0
D1
D2
D3
SOUT
CL/4
CL/8
Timing Diagram B. 8:1 Parallel to Serial Conversion
D0−1
D1−1
D2−1
D3−1
D0−2
D1−2
D2−2
D3−2
D0−1
D1−1
D2−1
D3−1
D4−1
D5−1
D6−1
D7−1
CLK
RESET
D0
D1
D2
D3
SOUT
CL/4
CL/8
D4−1
D5−1
D6−1
D7−1
D4−2
D5−2
D6−2
D7−2
D4 (D0B)
D5 (D1B)
D6 (D2B)
D7 (D3B)
D0−2
Figure 4. Timing Diagrams


Similar Part No. - MC10E446

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
More results

Similar Description - MC10E446

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com