Electronic Components Datasheet Search |
|
MC100ELT25MNR4G Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC100ELT25MNR4G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC10ELT25, MC100ELT25 http://onsemi.com 2 Figure 1. 8−Lead Pinout (Top View) and Logic Diagram 1 2 3 45 6 7 8 Q GND VCC D NC D VBB VEE ECL TTL Table 1. PIN DESCRIPTION Pin Function D, D ECL Differential Inputs Q TTL Output VBB Reference Voltage Output VCC Positive Supply VEE Negative Supply GND Ground NC No Connect EP Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open. Table 2. ATTRIBUTES Characteristics Value Internal Input Pulldown Resistor 75 kW Internal Input Pullup Resistor N/A ESD Protection Human Body Model Machine Model > 1 kV > 400 V Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Pb Pkg Pb−Free Pkg SOIC−8 TSSOP−8 DFN8 Level 1 Level 1 Level 1 Level 1 Level 3 Level 1 Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in Transistor Count 38 Devices Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Table 3. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Unit VCC Positive Power Supply GND = 0 V VEE = −5.0 V 7 V VEE Negative Power Supply GND = 0 V VCC = +5.0 V −8 V VIN Input Voltage GND = 0 V 0 to VEE V IBB VBB Sink/Source ± 0.5 mA TA Operating Temperature Range −40 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm SOIC−8 SOIC−8 190 130 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board SOIC−8 41 to 44 °C/W qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm TSSOP−8 TSSOP−8 185 140 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board TSSOP−8 41 to 44 ± 5% °C/W qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm DFN8 DFN8 129 84 °C/W °C/W Tsol Wave Solder Pb Pb−Free <2 to 3 sec @ 248°C <2 to 3 sec @ 260°C 265 265 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
Similar Part No. - MC100ELT25MNR4G |
|
Similar Description - MC100ELT25MNR4G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |