Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR16 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCR16
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR16 Datasheet(HTML) 3 Page - ON Semiconductor

  MCR16 Datasheet HTML 1Page - ON Semiconductor MCR16 Datasheet HTML 2Page - ON Semiconductor MCR16 Datasheet HTML 3Page - ON Semiconductor MCR16 Datasheet HTML 4Page - ON Semiconductor MCR16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCR16N
http://onsemi.com
3
Figure 1. Typical RMS Current Derating
IT(RMS), ITRMS ON−STATE CURRENT (AMPS)
80
130
28
410
12
0
6
14
16
90
100
110
120
dc
180°
60°
α = 30°
α = CONDUCTION ANGLE
α
90°
Figure 2. On State Power Dissipation
IT(AV), AVERAGE ON−STATE CURRENT (AMPS)
410
2
32
0
12
16
68
14
016
8
24
dc
180°
60°
α = 30°
α = CONDUCTION ANGLE
α
90°
Figure 3. Typical On−State Characteristics
100
Maximum @ TJ = 125°C
0.9
0.1
0.5
1
10
VT, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
1.3
1.7
2.1
2.5
Maximum @ TJ = 25°C
Typical @ TJ = 25°C
Figure 4. Transient Thermal Response
t, TIME (ms)
0.1
1
0.1
0.01
1
10
100
1000
1⋅104
ZqJC(t) = RqJC(t) ⋅ r(t)
Figure 5. Typical Holding Current versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
10
1
100
50
−40
35
−25 −10
5
20
65
125
95
80
110


Similar Part No. - MCR16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR16 MOTOROLA-MCR16 Datasheet
344Kb / 4P
   Silicon Controlled Rectifiers
logo
Digitron Semiconductors
MCR16N DIGITRON-MCR16N Datasheet
339Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
Kersemi Electronic Co.,...
MCR16N KERSEMI-MCR16N Datasheet
413Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6401 ONSEMI-2N6401 Datasheet
74Kb / 8P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
C122F1 ONSEMI-C122F1 Datasheet
59Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
MCR8N ONSEMI-MCR8N Datasheet
55Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR25 ONSEMI-MCR25_05 Datasheet
93Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR12DG ONSEMI-MCR12DG Datasheet
105Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2012 ??Rev. 5
logo
Digitron Semiconductors
2N6504 DIGITRON-2N6504 Datasheet
212Kb / 4P
   SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR8DCM ONSEMI-MCR8DCM Datasheet
60Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR12DCM ONSEMI-MCR12DCM Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
MCR68 ONSEMI-MCR68_05 Datasheet
58Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 2
MCR69 ONSEMI-MCR69_04 Datasheet
51Kb / 6P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2004 ??Rev. 1
MCR218 ONSEMI-MCR218 Datasheet
55Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com