Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR22-8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCR22-8
Description  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR22-8 Datasheet(HTML) 1 Page - ON Semiconductor

  MCR22-8 Datasheet HTML 1Page - ON Semiconductor MCR22-8 Datasheet HTML 2Page - ON Semiconductor MCR22-8 Datasheet HTML 3Page - ON Semiconductor MCR22-8 Datasheet HTML 4Page - ON Semiconductor MCR22-8 Datasheet HTML 5Page - ON Semiconductor MCR22-8 Datasheet HTML 6Page - ON Semiconductor MCR22-8 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 5
1
Publication Order Number:
MCR22−6/D
MCR22−6, MCR22−8
Preferred Device
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed and tested for repetitive peak operation required for CD
ignition, fuel ignitors, flash circuits, motor controls and low-power
switching applications.
Features
150 A for 2 ms Safe Area
High dv/dt
Very Low Forward “On” Voltage at High Current
Low-Cost TO-226 (TO-92)
Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(RGK = IK, TJ = *40 to +110°C, Sine Wave,
50 to 60 Hz, Gate Open)
MCR22−6
MCR22−8
VDRM,
VRRM
400
600
V
On-State Current RMS
(180
° Conduction Angles, TC = 80°C)
IT(RMS)
1.5
A
Peak Non-repetitive Surge Current,
@TA = 25°C, (1/2 Cycle, Sine Wave, 60 Hz)
ITSM
15
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.9
A2s
Forward Peak Gate Power
(Pulse Width
≤ 1.0 msec, TA = 25°C)
PGM
0.5
W
Forward Average Gate Power
(t = 8.3 msec, TA = 25°C)
PG(AV)
0.1
W
Forward Peak Gate Current
(Pulse Width
≤ 1.0 ms, TA = 25°C)
IFGM
0.2
A
Reverse Peak Gate Voltage
(Pulse Width
≤ 1.0 ms, TA = 25°C)
VRGM
5.0
V
Operating Junction Temperature Range
@ Rated VRRM and VDRM
TJ
−40 to +110
°C
Storage Temperature Range
Tstg
−40 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
50
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
160
°C/W
Lead Solder Temperature
(Lead Length
q 1/16″ from case, 10 S Max)
TL
+260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCRs
1.5 AMPERES RMS
400 thru 600 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
TO−92 (TO−226)
CASE 029
STYLE 10
1
PIN ASSIGNMENT
1
2
3
Gate
Anode
Cathode
K
G
A
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
MCR
22−x
AYWW
G
G
MARKING DIAGRAMS
MCR22−x = Device Code
x = 6 or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
http://onsemi.com


Similar Part No. - MCR22-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR22-8 MOTOROLA-MCR22-8 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR22-8 ONSEMI-MCR22-8 Datasheet
79Kb / 8P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
May, 2000 ??Rev. 3
logo
SemiWell Semiconductor
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
JIEJIE MICROELECTRONICS...
MCR22-8 JIEJIE-MCR22-8 Datasheet
462Kb / 4P
   2A SENSITIVE SCRs
logo
ON Semiconductor
MCR22-8 ONSEMI-MCR22-8 Datasheet
136Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
November, 2008 ??Rev. 6
More results

Similar Description - MCR22-8

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com