Electronic Components Datasheet Search |
|
MC100EL12DG Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC100EL12DG Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC10EL12, MC100EL12 http://onsemi.com 2 D0, D1 ECL Data Inputs Qa,Qa; Qb, Qb ECL Data Outputs VCC Positive Supply VEE Negative Supply EP Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open. Table 1. PIN DESCRIPTION PIN FUNCTION Table 2. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Unit VCC PECL Mode Power Supply VEE = 0 V 8 V VEE NECL Mode Power Supply VCC = 0 V −8 V VI PECL Mode Input Voltage NECL Mode Input Voltage VEE = 0 V VCC = 0 V VI VCC VI VEE 6 −6 V V Iout Output Current Continuous Surge 50 100 mA mA TA Operating Temperature Range −40 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm SOIC−8 SOIC−8 190 130 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board SOIC−8 41 to 44 °C/W qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm TSSOP−8 TSSOP−8 185 140 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board TSSOP−8 41 to 44 ± 5% °C/W qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm DFN8 DFN8 129 84 °C/W °C/W Tsol Wave Solder Pb Pb−Free <2 to 3 sec @ 248°C <2 to 3 sec @ 260°C 265 265 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
Similar Part No. - MC100EL12DG |
|
Similar Description - MC100EL12DG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |