Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR72-6 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCR72-6
Description  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR72-6 Datasheet(HTML) 3 Page - ON Semiconductor

  MCR72-6 Datasheet HTML 1Page - ON Semiconductor MCR72-6 Datasheet HTML 2Page - ON Semiconductor MCR72-6 Datasheet HTML 3Page - ON Semiconductor MCR72-6 Datasheet HTML 4Page - ON Semiconductor MCR72-6 Datasheet HTML 5Page - ON Semiconductor MCR72-6 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCR72−3, MCR72−6, MCR72−8
http://onsemi.com
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)
60
°
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
70
80
90
100
2.0
4.0
0
110
6.0
0
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
0
4.0
α = 30°
90
°
dc
8.0
6.0
4.0
2.0
8.0
12
16
8.0
α = 30°
60
°
90
°
180
°
dc
α = Conduction Angle
α = Conduction Angle
α
α
180
°
Figure 1. Average Current Derating
Figure 2. On−State Power Dissipation
0.3
120
0.5
1.0
2.0
−40
−20
0
20
40
60
80
90
100
3.0
140
TJ, JUNCTION TEMPERATURE (°C)
0.6
0.1
0.2
0.3
0.4
0.5
40
0.7
−60
−40
−20
0
100
20
60
80
120
VD = 12 Vdc
TJ, JUNCTION TEMPERATURE (°C)
VD = 12 Vdc
Figure 3. Normalized Gate Current
Figure 4. Gate Voltage


Similar Part No. - MCR72-6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR72-6 ONSEMI-MCR72-6 Datasheet
80Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
January, 2015 ??Rev. 5
MCR72-6 ONSEMI-MCR72-6 Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
November, 2008 ??Rev. 4
logo
Digitron Semiconductors
MCR72-6 DIGITRON-MCR72-6 Datasheet
223Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR72-6 NJSEMI-MCR72-6 Datasheet
84Kb / 2P
   Silicon Controlled Rectifiers
MCR72-6 NJSEMI-MCR72-6 Datasheet
76Kb / 2P
   Silicon Controlled Rectifier
More results

Similar Description - MCR72-6

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com