Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL12MNR4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL12MNR4
Description  5.0 V ECL Low Impedance Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL12MNR4 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL12MNR4 Datasheet HTML 1Page - ON Semiconductor MC100EL12MNR4 Datasheet HTML 2Page - ON Semiconductor MC100EL12MNR4 Datasheet HTML 3Page - ON Semiconductor MC100EL12MNR4 Datasheet HTML 4Page - ON Semiconductor MC100EL12MNR4 Datasheet HTML 5Page - ON Semiconductor MC100EL12MNR4 Datasheet HTML 6Page - ON Semiconductor MC100EL12MNR4 Datasheet HTML 7Page - ON Semiconductor MC100EL12MNR4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 6
1
Publication Order Number:
MC10EL12/D
MC10EL12, MC100EL12
5.0 VECL Low Impedance
Driver
The MC10EL/100EL12 is a low impedance drive buffer. With two
pairs of OR/NOR outputs the device is ideally suited for high drive
applications such as memory addressing. The device is a function
equivalent to the E112 device with higher performance capabilities.
With propagation delays significantly faster than the E112, the EL12 is
ideally suited for those applications which require the ultimate in
AC performance.
The 100 Series contains temperature compensation.
Features
290 ps Propagation Delay
Dual Outputs for 25 W Drive Applications
ESD Protection:
Human Body Model; > 1.0 kV
Machine Model; > 100 V
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 44 devices
Pb−Free Packages are Available
1
2
3
45
6
7
8
D0
VEE
VCC
Figure 1. Logic Diagram and Pinout Assignment
Qa
Qb
D1
Qa
Qb
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
KL12
ALYWG
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
KEL12
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
HL12
ALYWG
G
1
8
HEL12
ALYW
G
1
8
14
H
MC10
K
MC100
4R MC10
2F MC100
A
= Assembly Location
(Note: Microdot may be in either location)


Similar Part No. - MC100EL12MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL12 ONSEMI-MC100EL12 Datasheet
73Kb / 2P
   Low Impedance Driver
1996 REV 2
MC100EL12D ONSEMI-MC100EL12D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Similar Description - MC100EL12MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12_06 Datasheet
135Kb / 7P
   3.3V ECL Low Impedance Driver
December, 2006 ??Rev. 3
MC10EL16 ONSEMI-MC10EL16_16 Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC10EL16 ONSEMI-MC10EL16_06 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100LVE222 ONSEMI-MC100LVE222_05 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC10EL58 ONSEMI-MC10EL58_06 Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
MC10EL58 ONSEMI-MC10EL58_16 Datasheet
153Kb / 8P
   5.0V ECL 2:1 Multiplexer
July, 2016 ??Rev. 9
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12_06 Datasheet
49Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12 Datasheet
52Kb / 2P
   Low Impedance Driver
1997 REV 0
logo
Semtech Corporation
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com