Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGB15N40CLT4 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MGB15N40CLT4
Description  Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGB15N40CLT4 Datasheet(HTML) 2 Page - ON Semiconductor

  MGB15N40CLT4 Datasheet HTML 1Page - ON Semiconductor MGB15N40CLT4 Datasheet HTML 2Page - ON Semiconductor MGB15N40CLT4 Datasheet HTML 3Page - ON Semiconductor MGB15N40CLT4 Datasheet HTML 4Page - ON Semiconductor MGB15N40CLT4 Datasheet HTML 5Page - ON Semiconductor MGB15N40CLT4 Datasheet HTML 6Page - ON Semiconductor MGB15N40CLT4 Datasheet HTML 7Page - ON Semiconductor MGB15N40CLT4 Datasheet HTML 8Page - ON Semiconductor MGB15N40CLT4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MGP15N40CL, MGB15N40CL
http://onsemi.com
2
UNCLAMPED COLLECTOR−TO−EMITTER AVALANCHE CHARACTERISTICS (−55
°C ≤ TJ ≤ 175°C)
Characteristic
Symbol
Value
Unit
Single Pulse Collector−to−Emitter Avalanche Energy
VCC = 50 V, VGE = 5.0 V, Pk IL = 17.4 A, L = 2.0 mH, Starting TJ = 25°C
VCC = 50 V, VGE = 5.0 V, Pk IL = 14.2 A, L = 2.0 mH, Starting TJ = 150°C
EAS
300
200
mJ
Reverse Avalanche Energy
VCC = 100 V, VGE = 20 V, L = 3.0 mH, Pk IL = 25.8 A, Starting TJ = 25°C
EAS(R)
1000
mJ
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.0
°C/W
Thermal Resistance, Junction−to−Ambient
TO−220
RqJA
62.5
D2PAK (Note 1)
RqJA
50
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 5 seconds
TL
275
°C
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Clamp Voltage
BVCES
IC = 2.0 mA
TJ = −40°C to 150°C
380
410
440
VDC
IC = 10 mA
TJ = −40°C to 150°C
390
420
450
Zero Gate Voltage Collector Current
ICES
VCE = 350 V,
VGE = 0 V
TJ = 25°C
1.5
20
mADC
TJ = 150°C
10
40*
TJ = −40°C
0.7
1.5
Reverse Collector−Emitter Leakage
Current
IECS
VCE = −24 V
TJ = 25°C
0.35
1.0
mA
TJ = 150°C
8.0
15*
TJ = −40°C
0.05
0.5
Reverse Collector−Emitter Clamp Voltage
BVCES(R)
IC = −75 mA
TJ = 25°C
25
33
50
VDC
TJ = 150°C
25
36
50
TJ = −40°C
25
30
50
Gate−Emitter Clamp Voltage
BVGES
IG = 5.0 mA
TJ = −40°C to 150°C
17
20
22
VDC
Gate−Emitter Leakage Current
IGES
VGE = 10 V
TJ = −40°C to 150°C
384
600
1000
mADC
Gate Resistor (Optional)
RG
TJ = −40°C to 150°C
70
W
Gate Emitter Resistor
RGE
TJ = −40°C to 150°C
10
16
26
kW
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGE(th)
IC = 1.0 mA,
VGE = VCE
TJ = 25°C
1.4
1.7
2.0
VDC
TJ = 150°C
0.75
1.1
1.4
TJ = −40°C
1.6
1.9
2.1*
Threshold Temperature Coefficient (Neg)
4.4
mV/
°C
Collector−to−Emitter On−Voltage
VCE(on)
IC = 6.0 A,
VGE = 4.0 V
TJ = 25°C
1.0
1.3
1.6
VDC
TJ = 150°C
0.9
1.2
1.5
TJ = −40°C
1.1
1.4
1.7*
IC = 10 A,
VGE 4.0 V
TJ = 25°C
1.3
1.6
1.9
TJ = 150°C
1.2
1.5
1.8
TJ = −40°C
1.3
1.6
1.9*
IC = 15 A,
VGE = 4.0 V
TJ = 25°C
1.6
1.95
2.25
TJ = 150°C
1.7
2.0
2.3*
TJ = −40°C
1.6
1.9
2.2
1. When surface mounted to an FR4 board using the minimum recommended pad size.
2. Pulse Test: Pulse Width
v 300 mS, Duty Cycle v 2%.
*Maximum Value of Characteristic across Temperature Range.


Similar Part No. - MGB15N40CLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGB15N40CLT4 ONSEMI-MGB15N40CLT4 Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGB15N40CLT4 ONSEMI-MGB15N40CLT4 Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
More results

Similar Description - MGB15N40CLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
94Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NTP75N06 ONSEMI-NTP75N06_V01 Datasheet
176Kb / 9P
   Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
NTP27N06 ONSEMI-NTP27N06 Datasheet
83Kb / 12P
   Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
August, 2001 ??Rev. 2
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB75N03R ONSEMI-NTB75N03R Datasheet
73Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
October, 2003 ??Rev. 2
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com