Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJB44H11T4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJB44H11T4
Description  Complementary Power Transistors D2PAK for Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJB44H11T4 Datasheet(HTML) 1 Page - ON Semiconductor

  MJB44H11T4 Datasheet HTML 1Page - ON Semiconductor MJB44H11T4 Datasheet HTML 2Page - ON Semiconductor MJB44H11T4 Datasheet HTML 3Page - ON Semiconductor MJB44H11T4 Datasheet HTML 4Page - ON Semiconductor MJB44H11T4 Datasheet HTML 5Page - ON Semiconductor MJB44H11T4 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 2
1
Publication Order Number:
MJB44H11/D
MJB44H11 (NPN),
MJB45H11 (PNP)
Preferred Devices
Complementary
Power Transistors
D2PAK for Surface Mount
Complementary power transistors are for general purpose power
amplification and switching such as output or driver stages in
applications such as switching regulators, converters and power
amplifiers.
Features
Low Collector−Emitter Saturation Voltage −
VCE(sat) = 1.0 V (Max) @ 8.0 A
Fast Switching Speeds
Complementary Pairs Simplifies Designs
Epoxy Meets UL 94 V−0 @ 0.125 in
ESD Ratings:
Human Body Model, 3B > 8000 V
Machine Model, C > 400 V
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
80
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current
− Continuous
− Peak
IC
10
20
Adc
Total Power Dissipation
@ TC = 25°C
Derate above 25
°C
PD
50
1.67
W
W/
°C
Total Power Dissipation
@ TA = 25°C
Derate above 25
°C
PD
2.0
0.016
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.5
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
75
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
Device
Package
Shipping
ORDERING INFORMATION
MJB44H11
D2PAK
50 Units/Rail
Preferred devices are recommended choices for future use
and best overall value.
MARKING
DIAGRAM
SILICON POWER
TRANSISTORS
10 AMPERES,
80 VOLTS, 50 WATTS
x
= 4 or 5
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MJB44H11T4
D2PAK
800/Tape & Reel
MJB45H11
D2PAK
50 Units/Rail
MJB45H11T4
D2PAK
800/Tape & Reel
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MJB45H11T4G
D2PAK
(Pb−Free)
800/Tape & Reel
MJB45H11G
D2PAK
(Pb−Free)
50 Units/Rail
MJB44H11T4G
D2PAK
(Pb−Free)
800/Tape & Reel
MJB44H11G
D2PAK
(Pb−Free)
50 Units/Rail
D2PAK
CASE 418B
STYLE 1
B4xH11G
AYWW


Similar Part No. - MJB44H11T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJB44H11T4 ONSEMI-MJB44H11T4 Datasheet
75Kb / 6P
   Complementary Power Transistors
December, 2003 ??Rev. 1
logo
STMicroelectronics
MJB44H11T4 STMICROELECTRONICS-MJB44H11T4 Datasheet
412Kb / 11P
   Low voltage NPN power transistor
May 2014 Rev 2
MJB44H11T4-A STMICROELECTRONICS-MJB44H11T4-A Datasheet
412Kb / 11P
   Automotive-grade low voltage NPN power transistor
May 2014 Rev 1
logo
ON Semiconductor
MJB44H11T4G ONSEMI-MJB44H11T4G Datasheet
115Kb / 6P
   Complementary Power Transistors
May, 2013 ??Rev. 5
MJB44H11T4G ONSEMI-MJB44H11T4G Datasheet
184Kb / 7P
   Complementary Power Transistors D2PAK for Surface Mount
May, 2013 - Rev. 5
More results

Similar Description - MJB44H11T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJB44H11 ONSEMI-MJB44H11 Datasheet
184Kb / 7P
   Complementary Power Transistors D2PAK for Surface Mount
May, 2013 - Rev. 5
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Central Semiconductor C...
CJD41C CENTRAL-CJD41C_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD340 CENTRAL-CJD340_10 Datasheet
424Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD44H11 CENTRAL-CJD44H11_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_15 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_10 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT31C CENTRAL-CZT31C_15 Datasheet
602Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD2955 CENTRAL-CJD2955_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD31C CENTRAL-CJD31C_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com