Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD32 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD32
Description  Complementary Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD32 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD32 Datasheet HTML 1Page - ON Semiconductor MJD32 Datasheet HTML 2Page - ON Semiconductor MJD32 Datasheet HTML 3Page - ON Semiconductor MJD32 Datasheet HTML 4Page - ON Semiconductor MJD32 Datasheet HTML 5Page - ON Semiconductor MJD32 Datasheet HTML 6Page - ON Semiconductor MJD32 Datasheet HTML 7Page - ON Semiconductor MJD32 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJD31, MJD31C (NPN), MJD32, MJD32C (PNP)
http://onsemi.com
4
5
IB, BASE CURRENT (mA)
10
20
1.2
0.4
0
50
100
200
500
2
0.8
TJ = 25°C
1.6
2
1
IC = 0.3 A
1000
Figure 7. Collector Saturation Region
300
VR, REVERSE VOLTAGE (VOLTS)
Ceb
0.1
200
100
0.5
1
10
40
TJ = +25°C
t, TIME (ms)
1
0.01
1 k
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 8.33°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
SINGLE PULSE
0.01
Figure 8. Capacitance
0.7
D = 0.5
Figure 9. Thermal Response
1 A
3 A
70
50
30
0.2 0.3
2
3
5
20 30
Ccb
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.2
0.1
0.05
0.01
10
1.5
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0.01
3
150
1
0.3
0.2
3
0.05
0.03
WIRE BOND LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
5
7
20
70
10
TC = 25°C SINGLE PULSE
TJ = 150°C
100
ms
1ms
dc
2
0.02
0.1
0.5
2
5
Figure 10. Active Region Safe Operating Area
50
30
100
CURVES APPLY BELOW RATED VCEO
500
ms
MJD31, MJD32
MJD31C, MJD32C
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 10 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 9. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - MJD32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJD32 FAIRCHILD-MJD32 Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
Guangdong Kexin Industr...
MJD32 KEXIN-MJD32 Datasheet
47Kb / 2P
   Complementary Power Transistors
logo
ON Semiconductor
MJD32 ONSEMI-MJD32 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD32 ONSEMI-MJD32 Datasheet
129Kb / 11P
   Complementary Power Transistors
July, 2013 ??Rev. 12
logo
Fairchild Semiconductor
MJD32/32C FAIRCHILD-MJD32/32C Datasheet
54Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications
More results

Similar Description - MJD32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com