Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD200 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD200
Description  Complementary Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD200 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD200 Datasheet HTML 1Page - ON Semiconductor MJD200 Datasheet HTML 2Page - ON Semiconductor MJD200 Datasheet HTML 3Page - ON Semiconductor MJD200 Datasheet HTML 4Page - ON Semiconductor MJD200 Datasheet HTML 5Page - ON Semiconductor MJD200 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD200 (NPN) MJD210 (PNP)
http://onsemi.com
3
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
15
10
TC
5
20
Figure 2. Switching Time Test Circuit
2.5
0
1.5
1
TA
0.5
2
+11 V
25
ms
0
−9 V
RB
−4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
TC
TA (SURFACE MOUNT)
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
FOR PNP TEST CIRCUIT,
REVERSE ALL POLARITIES
10K
IC, COLLECTOR CURRENT (A)
10
5K
3K
2K
1K
500
300
200
100
50
1K
IC, COLLECTOR CURRENT (A)
VCC = 30 V
IC/IB = 10
TJ = 25°C
500
300
200
100
50
td
30
20
10
5
1
0.01
0.03 0.05
0.5
0.2
0.02
0.1
0.3
10
Figure 3. Turn−On Time
Figure 4. Turn−Off Time
3
2
5
2
13
tr
MJD200
MJD210
30
20
0.01
0.03 0.05
0.5
0.2
0.02
0.1
0.3
10
5
2
13
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
MJD200
MJD210


Similar Part No. - MJD200

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD200 MOTOROLA-MJD200 Datasheet
236Kb / 6P
   SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJD200 ONSEMI-MJD200 Datasheet
236Kb / 6P
   Complementary Plastic Power Transistors
1995 REV 1
logo
Fairchild Semiconductor
MJD200 FAIRCHILD-MJD200 Datasheet
45Kb / 5P
   D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD200 ONSEMI-MJD200 Datasheet
138Kb / 6P
   Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
MJD200 ONSEMI-MJD200 Datasheet
152Kb / 7P
   Complementary Plastic Power Transistors
September, 2013 ??Rev. 13
More results

Similar Description - MJD200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD200 ONSEMI-MJD200_11 Datasheet
138Kb / 6P
   Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
MJD200 ONSEMI-MJD200 Datasheet
236Kb / 6P
   Complementary Plastic Power Transistors
1995 REV 1
MJD200 ONSEMI-MJD200_13 Datasheet
152Kb / 7P
   Complementary Plastic Power Transistors
September, 2013 ??Rev. 13
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com