Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD112-1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJD112-1G
Description  Complementary Darlington Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD112-1G Datasheet(HTML) 5 Page - ON Semiconductor

  MJD112-1G Datasheet HTML 1Page - ON Semiconductor MJD112-1G Datasheet HTML 2Page - ON Semiconductor MJD112-1G Datasheet HTML 3Page - ON Semiconductor MJD112-1G Datasheet HTML 4Page - ON Semiconductor MJD112-1G Datasheet HTML 5Page - ON Semiconductor MJD112-1G Datasheet HTML 6Page - ON Semiconductor MJD112-1G Datasheet HTML 7Page - ON Semiconductor MJD112-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJD112 (NPN) MJD117 (PNP)
http://onsemi.com
5
NPN MJD112
PNP MJD117
0.04
IC, COLLECTOR CURRENT (AMP)
0.06
0.2
0
*APPLIED FOR IC/IB < hFE/3
0.1
0.6
−55
°C TO 25°C
0.4
1
−4.8
24
104
VBE, BASE−EMITTER VOLTAGE (VOLTS)
10−1
0
−0.4
103
102
101
100
+0.2 +0.4
+0.6
TJ = 150°C
100
°C
REVERSE
FORWARD
25
°C
VCE = 30 V
105
−0.6
−0.2
+0.8
+1
+1.2 +1.4
104
VBE, BASE−EMITTER VOLTAGE (VOLTS)
10−1
0
+0.4
103
102
101
100
−0.2
−0.4 −0.6
105
+0.6
+0.2
−0.8
−1
−1.2 −1.4
+0.8
−4
−3.2
−2.4
−1.6
−0.8
qVC FOR VBE
25
°C TO 150°C
25
°C TO 150°C
*
qVC FOR VCE(sat)
0.04
IC, COLLECTOR CURRENT (AMP)
0.06
0.2
0.1
0.6
0.4
1
2
4
Figure 10. Temperature Coefficients
Figure 11. Collector Cut−Off Region
Figure 12. Darlington Schematic
BASE
EMITTER
COLLECTOR
≈ 8 k
≈ 120
PNP
BASE
EMITTER
COLLECTOR
≈ 8 k
≈ 120
NPN
0
−4.8
+0.8
−4
−3.2
−2.4
−1.6
−0.8
−55
°C TO 25°C
*APPLIES FOR IC/IB < hFE/3
*
qVC FOR VCE(sat)
qVB FOR VBE
25
°C TO 150°C
−55
°C TO 25°C
25
°C TO 150°C
−55
°C TO 25°C
VCE = 30 V
REVERSE
FORWARD
TJ = 150°C
100
°C
25
°C


Similar Part No. - MJD112-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD112-1G ONSEMI-MJD112-1G Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
More results

Similar Description - MJD112-1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com