Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD18002D2T4 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MJD18002D2T4
Description  POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD18002D2T4 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MJD18002D2T4 Datasheet HTML 3Page - ON Semiconductor MJD18002D2T4 Datasheet HTML 4Page - ON Semiconductor MJD18002D2T4 Datasheet HTML 5Page - ON Semiconductor MJD18002D2T4 Datasheet HTML 6Page - ON Semiconductor MJD18002D2T4 Datasheet HTML 7Page - ON Semiconductor MJD18002D2T4 Datasheet HTML 8Page - ON Semiconductor MJD18002D2T4 Datasheet HTML 9Page - ON Semiconductor MJD18002D2T4 Datasheet HTML 10Page - ON Semiconductor MJD18002D2T4 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MJD18002D2
http://onsemi.com
9
10
ms
Figure 26. tfr Measurement
Figure 27. Forward Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
100
10
0.01
Figure 28. Reverse Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
2
0
1200
200
0
Figure 29. Forward Bias Power Derating
TC, CASE TEMPERATURE (°C)
40
20
0
0.1
10
160
0.2
0.4
0.6
1
0.5
1
1
2.5
400
800
1000
0.8
60
100
80
120
140
1000
600
1.5
10% IF
VFRM
0.1 VF
tfr
VFR (1.1 VF) Unless
Otherwise Specified
Second Breakdown Derating
Thermal Derating
DC
50
ms
1
ms
5 ms
1 ms
TC = 125°C
Gain = 4
LC = 500 mH
VBE = 0 V
VBE(off) = −1.5 V
VBE(off) = −5 V
02
4
6
8
10
12
8
6
4
10
2
0
VF
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC−VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate. The data of Figure 27 is
based on TC = 25°C; TJ(pk) is variable depending on power
level. Second breakdown pulse limits are valid for duty
cycles to 10% but must be derated when TC > 25°C. Second
Breakdown limitations do not derate the same as thermal
limitations. Allowable current at the voltages shown on
Figure 27 may be found at any case temperature by using the
appropriate curve on Figure 29.
TJ(pk) may be calculated from the data in Figure 30. At any
case temperatures, thermal limitations will reduce the power
that can be handled to values less than the limitations
imposed by second breakdown. For inductive loads, high
voltage and current must be sustained simultaneously during
turn−off with the base to emitter junction reverse biased. The
safe level is specified as a reverse biased safe operating area
(Figure 28). This rating is verified under clamped conditions
so that the device is never subjected to an avalanche mode.


Similar Part No. - MJD18002D2T4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
logo
Micro Commercial Compon...
MJD112 MCC-MJD112 Datasheet
382Kb / 3P
   Silicon NPN epitaxial planer Transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112 Datasheet
147Kb / 8P
   Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
MJD112 WINNERJOIN-MJD112 Datasheet
109Kb / 2P
   TO-251/TO-252-2 Plastic-Encapsulate Transistors
More results

Similar Description - MJD18002D2T4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
   NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
Motorola, Inc
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
   50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
   50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com