Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD2955-001G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD2955-001G
Description  Complementary Power Transistors DPAK For Surface Mount Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD2955-001G Datasheet(HTML) 2 Page - ON Semiconductor

  MJD2955-001G Datasheet HTML 1Page - ON Semiconductor MJD2955-001G Datasheet HTML 2Page - ON Semiconductor MJD2955-001G Datasheet HTML 3Page - ON Semiconductor MJD2955-001G Datasheet HTML 4Page - ON Semiconductor MJD2955-001G Datasheet HTML 5Page - ON Semiconductor MJD2955-001G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD2955 (PNP) MJD3055 (NPN)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
60
Vdc
Collector Cutoff Current (VCE = 30 Vdc, IB = 0)
ICEO
50
mAdc
Collector Cutoff Current
(VCE = 70 Vdc, VEB(off) = 1.5 Vdc)
(VCE = 70 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
ICEX
0.02
2
mAdc
Collector Cutoff Current
(VCB = 70 Vdc, IE = 0)
(VCB = 70 Vdc, IE = 0, TC = 150_C)
ICBO
0.02
2
mAdc
Emitter Cutoff Current (VBE = 5 Vdc, IC = 0)
IEBO
0.5
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 2)
(IC = 4 Adc, VCE = 4 Vdc)
(IC = 10 Adc, VCE = 4 Vdc)
hFE
20
5
100
Collector−Emitter Saturation Voltage (Note 2)
(IC = 4 Adc, IB = 0.4 Adc)
(IC = 10 Adc, IB = 3.3 Adc)
VCE(sat)
1.1
8
Vdc
Base−Emitter On Voltage (Note 2)
(IC = 4 Adc, VCE = 4 Vdc)
VBE(on)
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 500 mAdc, VCE = 10 Vdc, f = 500 kHz)
fT
2
MHz
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
ORDERING INFORMATION
Device
Package Type
Package
Shipping
MJD2955
DPAK
369C
75 Units / Rail
MJD2955G
DPAK
(Pb−Free)
MJD2955−001
DPAK−3
369D
MJD2955−001G
DPAK
(Pb−Free)
MJD2955T4
DPAK
369C
2500 Tape & Reel
MJD2955T4G
DPAK
(Pb−Free)
MJD3055
DPAK
75 Units / Rail
MJD3055G
DPAK
(Pb−Free)
MJD3055T4
DPAK
2500 Tape & Reel
MJD3055T4G
DPAK
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MJD2955-001G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
More results

Similar Description - MJD2955-001G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD243 ONSEMI-MJD243_07 Datasheet
98Kb / 8P
   Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJB44H11 ONSEMI-MJB44H11_05 Datasheet
64Kb / 6P
   Complementary Power Transistors D2PAK for Surface Mount
December, 2005 ??Rev. 2
MJB44H11 ONSEMI-MJB44H11 Datasheet
184Kb / 7P
   Complementary Power Transistors D2PAK for Surface Mount
May, 2013 - Rev. 5
logo
Unisonic Technologies
MJD210 UTC-MJD210_15 Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
111Kb / 5P
   NPN Silicon DPAK For Surface Mount Applications
June, 2012 ??Rev. 14
logo
Unisonic Technologies
MJD210 UTC-MJD210_10 Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
MJD210 UTC-MJD210 Datasheet
164Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
NJD1718 ONSEMI-NJD1718_13 Datasheet
113Kb / 5P
   PNP Silicon DPAK For Surface Mount Applications
October, 2013 ??Rev. 4
NJD2873T4 ONSEMI-NJD2873T4 Datasheet
50Kb / 6P
   NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
logo
Central Semiconductor C...
CJD41C CENTRAL-CJD41C_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com