Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5740 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJE5740
Description  NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5740 Datasheet(HTML) 5 Page - ON Semiconductor

  MJE5740_06 Datasheet HTML 1Page - ON Semiconductor MJE5740_06 Datasheet HTML 2Page - ON Semiconductor MJE5740_06 Datasheet HTML 3Page - ON Semiconductor MJE5740_06 Datasheet HTML 4Page - ON Semiconductor MJE5740_06 Datasheet HTML 5Page - ON Semiconductor MJE5740_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJE5740, MJE5742
http://onsemi.com
5
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 6 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% but must be
derated when TC ≥ 25_C. Second breakdown limitations do
not derate the same as thermal limitations. Allowable
current at the voltages shown on Figure 6 may be found at
any case temperature by using the appropriate curve on
Figure 1.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn−off, in most cases,
with the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping, RC
snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage−current condition allowable
during reverse biased turnoff. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 7 gives the complete RBSOA
characteristics.
The Safe Operating Area figures shown in Figures 6 and 7 are specified ratings for these devices under the test conditions shown.
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 6. Forward Bias Safe Operating Area
Figure 7. Reverse Bias Safe Operating Area
16
14
12
8
0
2
4
10
100
200
300
500
0
400
16
5
10
8
1
0.02
100
0.1
10
20
200
400
3
0.5
50
0.3
0.05
dc
1ms
100 ms
MJE5742
MJE5740
VBE(off) ≤ 5 V
TJ = 100°C
6
CURVES APPLY BELOW RATED VCEO
10 ms
MJE5742
MJE5740
5ms
BONDING WIRE LIMIT
THERMAL LIMIT
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
IC, COLLECTOR CURRENT (AMPS)
0.5 0.7
1
2
10
7
5
2
1
0.7
0.2
0.3
5
0.5
10
3
3
0.3
0.2
7
IC, COLLECTOR CURRENT (AMPS)
0.5 0.7 1
2
10
0.7
0.5
0.2
0.1
0.07
0.02
0.3
Figure 8. Turn−On Time
5
0.05
1
Figure 9. Turn−Off Time
3
VCC = 250 V
IB1 = IB2
IC/IB = 20
ts
tr
tf
td
VCC = 250 V
IB1 = IB2
IC/IB = 20
0.3
0.03
0.2
7
RESISTIVE SWITCHING PERFORMANCE


Similar Part No. - MJE5740_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5740G ONSEMI-MJE5740G Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
MJE5740 ONSEMI-MJE5740_15 Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
More results

Similar Description - MJE5740_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_06 Datasheet
79Kb / 6P
   Plastic Medium?뭁ower Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS, 60 ??80 VOLTS
August, 2006 ??Rev. 12
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
   7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com