Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD45H11-001G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD45H11-001G
Description  Complementary Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD45H11-001G Datasheet(HTML) 2 Page - ON Semiconductor

  MJD45H11-001G Datasheet HTML 1Page - ON Semiconductor MJD45H11-001G Datasheet HTML 2Page - ON Semiconductor MJD45H11-001G Datasheet HTML 3Page - ON Semiconductor MJD45H11-001G Datasheet HTML 4Page - ON Semiconductor MJD45H11-001G Datasheet HTML 5Page - ON Semiconductor MJD45H11-001G Datasheet HTML 6Page - ON Semiconductor MJD45H11-001G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MJD44H11 (NPN) MJD45H11 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 30 mA, IB = 0)
VCEO(sus)
80
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, VBE = 0)
ICES
10
mA
Emitter Cutoff Current
(VEB = 5 Vdc)
IEBO
50
mA
ON CHARACTERISTICS
Collector−Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.4 Adc)
VCE(sat)
1
Vdc
Base−Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.8 Adc)
VBE(sat)
1.5
Vdc
DC Current Gain
(VCE = 1 Vdc, IC = 2 Adc)
hFE
60
DC Current Gain
(VCE = 1 Vdc, IC = 4 Adc)
40
DYNAMIC CHARACTERISTICS
Collector Capacitance
(VCB = 10 Vdc, ftest = 1 MHz)
MJD44H11
MJD45H11
Ccb
130
230
pF
Gain Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, f = 20 MHz)
MJD44H11
MJD45H11
fT
50
40
MHz
SWITCHING TIMES
Delay and Rise Times
(IC = 5 Adc, IB1 = 0.5 Adc)
MJD44H11
MJD45H11
td + tr
300
135
ns
Storage Time
(IC = 5 Adc, IB1 = IB2 = 0.5 Adc)
MJD44H11
MJD45H11
ts
500
500
ns
Fall Time
(IC = 5 Adc, IB1 = IB2 = 0.5 Adc
MJD44H11
MJD45H11
tf
140
100
ns


Similar Part No. - MJD45H11-001G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD45H11-001 ONSEMI-MJD45H11-001 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
More results

Similar Description - MJD45H11-001G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com