Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5851 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJE5851
Description  8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5851 Datasheet(HTML) 2 Page - ON Semiconductor

  MJE5851 Datasheet HTML 1Page - ON Semiconductor MJE5851 Datasheet HTML 2Page - ON Semiconductor MJE5851 Datasheet HTML 3Page - ON Semiconductor MJE5851 Datasheet HTML 4Page - ON Semiconductor MJE5851 Datasheet HTML 5Page - ON Semiconductor MJE5851 Datasheet HTML 6Page - ON Semiconductor MJE5851 Datasheet HTML 7Page - ON Semiconductor MJE5851 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJE5850, MJE5851, MJE5852
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MJE5850
MJE5851
MJE5852
Unit
Collector−Emitter Voltage
VCEO(sus)
300
350
400
Vdc
Collector−Emitter Voltage
VCEV
350
400
450
Vdc
Emitter Base Voltage
VEB
6.0
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
ICM
8.0
1 6
Adc
Base Current
− Continuous
− Peak (Note 1)
IB
IBM
4.0
8.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
80
0.640
W
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to 150
_C
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.25
_C/W
Maximum Lead Temperature for Soldering Purposes: 1/8
″ from
Case for 5 Seconds
TL
275
_C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle
≤ 10%.
ORDERING INFORMATION
Device
Package
Shipping
MJE5850
TO−220
50 Units / Rail
MJE5850G
TO−220
(Pb−Free)
MJE5851
TO−220
MJE5851G
TO−220
(Pb−Free)
MJE5852
TO−220
MJE5852G
TO−220
(Pb−Free)


Similar Part No. - MJE5851

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5851 MOTOROLA-MJE5851 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5851 ONSEMI-MJE5851 Datasheet
302Kb / 8P
   PNP SILICON POWER TRANSISTORS
1995
logo
New Jersey Semi-Conduct...
MJE5851 NJSEMI-MJE5851 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5851G ONSEMI-MJE5851G Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
More results

Similar Description - MJE5851

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com