Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE181G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJE181G
Description  Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE181G Datasheet(HTML) 4 Page - ON Semiconductor

  MJE181G Datasheet HTML 1Page - ON Semiconductor MJE181G Datasheet HTML 2Page - ON Semiconductor MJE181G Datasheet HTML 3Page - ON Semiconductor MJE181G Datasheet HTML 4Page - ON Semiconductor MJE181G Datasheet HTML 5Page - ON Semiconductor MJE181G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE170, MJE171, MJE172 (PNP), MJE180, MJE181, MJE182 (NPN)
http://onsemi.com
4
10
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0.01
30
2.0
5.0
0.1
BONDING WIRE LIMITED
THERMALLY LIMITED @
TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
Figure 5. MJE171, MJE172
500
ms
5.0ms
dc
1.0
20
10
50
5.0
3.0
2.0
1.0
100
100
ms
TJ = 150°C
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0.01
Figure 6. MJE181, MJE182
MJE171
MJE172
0.02
0.05
0.2
0.5
30
20
10
50
5.0
3.0
2.0
1.0
100
10
2.0
5.0
0.1
1.0
0.02
0.05
0.2
0.5
70
100
ms
500
ms
5.0ms
dc
MJE181
MJE182
BONDING WIRE LIMITED
THERMALLY LIMITED @
TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
TJ = 150°C
7.0
ACTIVE−REGION SAFE OPERATING AREA
There are two limitations on the power handling ability of
a transistor − average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 5 and 6 is based on TJ(pk) = 150°C; TC
is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided
TJ(pk) t 150°C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperature, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
10K
IC, COLLECTOR CURRENT (AMPS)
10
5K
3K
2K
1K
500
300
200
100
50
Figure 7. Turn−Off Time
30
20
0.01
0.03 0.05
0.5
0.2
0.02
0.1
0.3
10
5
2
13
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
VR, REVERSE VOLTAGE (VOLTS)
10
50
70
100
30
Figure 8. Capacitance
50
20
10
5.0
3.0
2.0
1.0
0.5 0.7
TJ = 25°C
Cib
Cob
NPN MJE181/182
PNP MJE171/172
PNP MJE171/MJE172
NPN MJE181/MJE182
20
30
7.0


Similar Part No. - MJE181G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE181G ONSEMI-MJE181G Datasheet
125Kb / 6P
   Complementary Plastic Silicon Power Transistors
December, 2013 ??Rev. 13
More results

Similar Description - MJE181G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
ON Semiconductor
2N6487 ONSEMI-2N6487_11 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
BD241C ONSEMI-BD241C_11 Datasheet
155Kb / 6P
   Complementary Silicon Plastic Power Transistors 80??00 VOLTS
October, 2011 ??Rev. 8
logo
Motorola, Inc
MJ14001 MOTOROLA-MJ14001 Datasheet
241Kb / 6P
   60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
logo
ON Semiconductor
MJE243 ONSEMI-MJE243_06 Datasheet
90Kb / 6P
   Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com