Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP016FA Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP016FA
Description  3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016FA Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP016FA Datasheet HTML 1Page - ON Semiconductor MC100EP016FA Datasheet HTML 2Page - ON Semiconductor MC100EP016FA Datasheet HTML 3Page - ON Semiconductor MC100EP016FA Datasheet HTML 4Page - ON Semiconductor MC100EP016FA Datasheet HTML 5Page - ON Semiconductor MC100EP016FA Datasheet HTML 6Page - ON Semiconductor MC100EP016FA Datasheet HTML 7Page - ON Semiconductor MC100EP016FA Datasheet HTML 8Page - ON Semiconductor MC100EP016FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC10EP016, MC100EP016
http://onsemi.com
2
VEE
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345678
24
23
22
21
20
19
18
17
16
MC10EP016
MC100EP016
COUT
COUT
TC
VCC
P7
P6
P5
VCC
Q2
Q1
Q0
VEE
MR
CE
PE
VCC
TCLD
Q7
Q6
Q5
Q4
VCC
P4
P3
P2
P1
P0
CLK
VBB CLK
Figure 1. 32−Lead LQFP Pinout (Top View)
Q3
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
PIN
P0−P7*
Q0−Q7
ECL Data Outputs
FUNCTION
ECL Parallel Data (Preset) Inputs
CE*
PE*
ECL Parallel Load Enable Control Input
ECL Count Enable Control Input
MR*
CLK*, CLK*
ECL Differential Clock
ECL Master Reset
TC
TCLD*
ECL TC−Load Control Input
ECL Terminal Count Output
COUT, COUT
VCC
Positive Supply
ECL Differential Output
VEE
VBB
Reference Voltage Output
Negative Supply
* Pins will default LOW when left open.
ZZ = Clock Pulse (High−to−Low)
Z = Clock Pulse (Low−to−High)
CE
FUNCTION
X
L
L
H
X
X
Load Parallel (Pn to Qn)
Continuous Count
Count; Load Parallel on TC = LOW
Hold
Masters Respond, Slaves Hold
Reset (Qn : = LOW, TC : = HIGH)
Table 2. FUNCTION TABLES
PE
L
H
H
H
X
X
TCLD
X
L
H
X
X
X
MR
L
L
L
L
L
H
CLK
Z
Z
Z
Z
ZZ
X
Table 3. FUNCTION TABLE
Function
PE
CE MR TCLD CLK P7−P4 P3
P2
P1
P0
Q7−Q4 Q3
Q2
Q1
Q0
TC COUT COUT
Load Count
L
H
H
H
H
X
L
L
L
L
L
L
L
L
L
X
L
L
L
L
Z
Z
Z
Z
Z
H
X
X
X
X
H
X
X
X
X
H
X
X
X
X
L
X
X
X
X
L
X
X
X
X
H
H
H
H
L
H
H
H
H
L
H
H
H
H
L
L
L
H
H
L
L
H
L
H
L
H
H
H
L
H
H
H
H
L
H
L
L
L
H
L
Load Hold
L
H
H
X
H
H
L
L
L
X
X
X
Z
Z
Z
H
X
X
H
X
X
H
X
X
L
X
X
L
X
X
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
L
L
L
Load on
Terminal
Count
H
H
H
H
H
H
L
L
L
L
L
L
L
L
L
L
L
L
H
H
H
H
H
H
Z
Z
Z
Z
Z
Z
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
H
H
H
L
L
L
L
L
L
H
H
H
H
H
H
H
H
H
L
L
H
H
H
H
H
H
L
L
H
H
H
H
L
H
L
H
L
H
L
H
H
L
H
H
H
H
H
L
H
H
H
L
L
H
L
L
L
Reset
X
X
H
X
X
X
X
X
X
X
L
L
L
L
L
H
H
L


Similar Part No. - MC100EP016FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016FA ONSEMI-MC100EP016FA Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016FA ONSEMI-MC100EP016FA Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016FAG ONSEMI-MC100EP016FAG Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016FAR2 ONSEMI-MC100EP016FAR2 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016FAR2 ONSEMI-MC100EP016FAR2 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results

Similar Description - MC100EP016FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com