Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP016FAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EP016FAG
Description  3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016FAG Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EP016FAG Datasheet HTML 1Page - ON Semiconductor MC100EP016FAG Datasheet HTML 2Page - ON Semiconductor MC100EP016FAG Datasheet HTML 3Page - ON Semiconductor MC100EP016FAG Datasheet HTML 4Page - ON Semiconductor MC100EP016FAG Datasheet HTML 5Page - ON Semiconductor MC100EP016FAG Datasheet HTML 6Page - ON Semiconductor MC100EP016FAG Datasheet HTML 7Page - ON Semiconductor MC100EP016FAG Datasheet HTML 8Page - ON Semiconductor MC100EP016FAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 11
1
Publication Order Number:
MC10EP016/D
MC10EP016, MC100EP016
3.3V / 5VECL 8−Bit
Synchronous Binary
Up Counter
The MC10/100EP016 is a high−speed synchronous, presettable,
cascadeable 8−bit binary counter. Architecture and operation are the
same as the MC10E016 in the ECLinPS
™ family.
The counter features internal feedback to TC gated by the TCLD
(Terminal Count Load) pin. When TCLD is LOW (or left open, in
which case it is pulled LOW by the internal pulldowns), the TC
feedback is disabled, and counting proceeds continuously, with TC
going LOW to indicate an all−one state. When TCLD is HIGH, the TC
feedback causes the counter to automatically reload upon TC = LOW,
thus functioning as a programmable counter. The Qn outputs do not
need to be terminated for the count function to operate properly. To
minimize noise and power, unused Q outputs should be left
unterminated.
COUT and COUT provide differential outputs from a single,
non−cascaded counter or divider application. COUT and COUT
should not be used in cascade configuration. Only TC should be used
for a counter or divider cascade chain output.
A differential clock input has also been added to improve
performance.
The 100 Series contains temperature compensation.
500 ps Typical Propagation Delay
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Internal TC Feedback (Gated)
Addition of COUT and COUT
8−Bit
Differential Clock Input
VBB Output
Fully Synchronous Counting and TC Generation
Asynchronous Master Reset
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
*For additional marking information, refer to
Application Note AND8002/D.
http://onsemi.com
MCxxx
EP016
AWLYYWWG
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC100EP016FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016FAG ONSEMI-MC100EP016FAG Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results

Similar Description - MC100EP016FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com