Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP16TDR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10EP16TDR2G
Description  3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP16TDR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC10EP16TDR2G Datasheet HTML 3Page - ON Semiconductor MC10EP16TDR2G Datasheet HTML 4Page - ON Semiconductor MC10EP16TDR2G Datasheet HTML 5Page - ON Semiconductor MC10EP16TDR2G Datasheet HTML 6Page - ON Semiconductor MC10EP16TDR2G Datasheet HTML 7Page - ON Semiconductor MC10EP16TDR2G Datasheet HTML 8Page - ON Semiconductor MC10EP16TDR2G Datasheet HTML 9Page - ON Semiconductor MC10EP16TDR2G Datasheet HTML 10Page - ON Semiconductor MC10EP16TDR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC10EP16T, MC100EP16T
http://onsemi.com
7
0
100
200
300
400
500
600
700
800
900
0
500
1000
1500
2000
2500
3000
3500
4000
1
2
3
4
5
6
7
8
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)
9
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC10EP16TDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16TDR2G ONSEMI-MC10EP16TDR2G Datasheet
191Kb / 11P
   ECL Differential Receiver/Driver
July, 2016 ??Rev. 7
More results

Similar Description - MC10EP16TDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100EP52 ONSEMI-MC100EP52 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com