Electronic Components Datasheet Search |
|
SN54LVU04A Datasheet(PDF) 4 Page - Texas Instruments |
|
SN54LVU04A Datasheet(HTML) 4 Page - Texas Instruments |
4 / 16 page SN54LVU04A, SN74LVU04A HEX INVERTERS SCES130L − MARCH 1998 − REVISED DECEMBER 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LVU04A SN74LVU04A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd A Y CL = 15 pF 3.2* 10.9* 1* 14* 1 14 ns tpd A Y CL = 50 pF 6.6 13.4 1 16 1 16 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LVU04A SN74LVU04A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd A Y CL = 15 pF 2.5* 8.9* 1* 10.5* 1 10.5 ns tpd A Y CL = 50 pF 4.7 11.4 1 13 1 13 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LVU04A SN74LVU04A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd A Y CL = 15 pF 2.2* 5.5* 1* 6.5* 1 6.5 ns tpd A Y CL = 50 pF 3.9 7 1 8 1 8 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 6) PARAMETER SN74LVU04A UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.5 0.8 V VOL(V) Quiet output, minimum dynamic VOL −0.1 −0.8 V VOH(V) Quiet output, minimum dynamic VOH 3 V VIH(D) High-level dynamic input voltage 2.31 V VIL(D) Low-level dynamic input voltage 0.99 V NOTE 6: Characteristics are for surface-mount packages only. operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS VCC TYP UNIT Cpd Power dissipation capacitance CL = 50 pF, f = 10 MHz 3.3 V 5.6 pF Cpd Power dissipation capacitance CL = 50 pF, f = 10 MHz 5 V 6.7 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - SN54LVU04A |
|
Similar Description - SN54LVU04A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |