Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM22DG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM22DG4
Description  DUAL MULTIPLEXED LVDS REPEATERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM22DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDM22DG4 Datasheet HTML 1Page - Texas Instruments SN65LVDM22DG4 Datasheet HTML 2Page - Texas Instruments SN65LVDM22DG4 Datasheet HTML 3Page - Texas Instruments SN65LVDM22DG4 Datasheet HTML 4Page - Texas Instruments SN65LVDM22DG4 Datasheet HTML 5Page - Texas Instruments SN65LVDM22DG4 Datasheet HTML 6Page - Texas Instruments SN65LVDM22DG4 Datasheet HTML 7Page - Texas Instruments SN65LVDM22DG4 Datasheet HTML 8Page - Texas Instruments SN65LVDM22DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
S0
1DE
S1
2A
2B
GND
VCC
VCC
1Y
1Z
2DE
2Z
2Y
GND
logic diagram (positive logic)
_
+
_
+
1A
1Y
1B
1DE
2DE
S0
S1
2A
2B
1Z
2Y
2Z
0
1
0
1
2
1
4
12
3
5
6
7
14
13
10
11
S1
0
0
1
1
S0
0
1
0
1
1Y/1Z
1A/1B
2A/2B
1A/1B
2A/2B
2Y/2Z
1A/1B
2A/2B
2A/2B
1A/1B
Splitter
Splitter
Router
Router
INPUT
OUTPUT
FUNCTION
MUX TRUTH TABLE
SN65LVDS22D and SN65LVDS22PW (Marked as LVDS22)
SN65LVDM22D and SN65LVDM22PW (Marked as LVDM22)
(TOP VIEW)
SN65LVDS22
SN65LVDM22
SLLS315C – DECEMBER 1998 – REVISED JUNE 2002
DUAL MULTIPLEXED LVDS REPEATERS
Meets or Exceeds the Requirements of ANSI
TIA/EIA-644-1995 Standard
Designed for Clock Rates up to 200 MHz
(400 Mbps)
Designed for Data Rates up to 250 Mbps
Pin Compatible With SN65LVDS122 and
SN65LVDT122, 1.5 Gbps 2x2 Crosspoint
Switch From TI
ESD Protection Exceeds 12 kV on Bus Pins
Operates From a Single 3.3-V Supply
Low-Voltage Differential Signaling With
Output Voltages of 350 mV Into:
– 100-
Ω Load (SN65LVDS22)
– 50-
Ω Load (SN65LVDM22)
Propagation Delay Time; 4 ns Typ
Power Dissipation at 400 Mbps of 150 mW
Bus Pins Are High Impedance When Disabled
or With VCC Less Than 1.5 V
LVTTL Levels Are 5 V Tolerant
Open-Circuit Fail Safe Receiver
The SN65LVDS22 and SN65LVDM22 are differential
line drivers and receivers that use low-voltage
differential signaling (LVDS) to achieve signaling
rates as high as 400 Mbps. The receiver outputs can
be switched to either or both drivers through the
multiplexer control signals S0 and S1. This allows the
flexibility to perform splitter or signal routing functions
with a single device.
The
TIA/EIA-644
standard
compliant
electrical
interface provides a minimum differential output
voltage magnitude of 247 mV into a 100-
Ω load and
receipt of 100 mV signals with up to 1 V of ground
potential
difference
between
a
transmitter
and
receiver. The SN65LVDM22 doubles the output drive
current to achieve LVDS levels with a 50-
Ω load.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2002, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDM22DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM22D TI-SN65LVDM22D Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results

Similar Description - SN65LVDM22DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
logo
Fairchild Semiconductor
AN-5045 FAIRCHILD-AN-5045 Datasheet
50Kb / 2P
   High Speed LVDS Repeaters
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com