Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP29 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP29
Description  3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP29 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP29 Datasheet HTML 1Page - ON Semiconductor MC100EP29 Datasheet HTML 2Page - ON Semiconductor MC100EP29 Datasheet HTML 3Page - ON Semiconductor MC100EP29 Datasheet HTML 4Page - ON Semiconductor MC100EP29 Datasheet HTML 5Page - ON Semiconductor MC100EP29 Datasheet HTML 6Page - ON Semiconductor MC100EP29 Datasheet HTML 7Page - ON Semiconductor MC100EP29 Datasheet HTML 8Page - ON Semiconductor MC100EP29 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP29, MC100EP29
http://onsemi.com
2
VBB
Figure 1. 20−Lead Pinout (Top View) and Logic Diagram
CLK0
D1
CLK1
17
18
16
15
14
13
12
4
3
5678
9
Q0
11
10
Q0
S0
S1
VCC
Q1
Q1
VEE
D0
19
20
2
1
R0
VCC
CLK0
D1
D0
CLK1
R1
CLK
D
S
R
Q
Q
CLK
D
R
S
Q
Q
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
1
2
3
4
5
15
14
13
12
11
67
8
9
10
20
19
18
17
16
Figure 1. QFN−20 Pinout (Top View)
S0
Q0
Q0
D0
R0
VCC
Q1
Q1
R1
S1
VEE
CLK0
CLK0
CLK1
D0
VBB
CLK1
D1
D1
VCC
Exposed Pad
NOTE: The Exposed Pad (EP) on package bottom must be attached to a heat−sinking conduit.
The Exposed Pad may only be electrically connected to VEE.
MC10/100EP17
Table 1. PIN DESCRIPTION
Pin
Function
D0*, D0*; D1*, D1*
ECL Differential Data Inputs
R0*, R1*
ECL Reset Inputs
CLK0*, CLK0*
ECL Differential Clock Inputs
CLK1*, CLK1*
ECL Differential Clock Inputs
S0* S1*
ECL Set Inputs
Q0, Q0; Q1, Q1
ECL Differential Data Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
EP
Exposed Pad
*Pins will default LOW when left open.
Table 2. TRUTH TABLE
R
S
D
CLK
Q
Q
L
L
L
Z
L
H
L
L
H
Z
H
L
H
L
X
X
L
H
L
H
X
X
H
L
H
H
X
X
Undef
Undef
Z = LOW to HIGH Transition
X = Don’t Care


Similar Part No. - MC100EP29

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP29DT ONSEMI-MC100EP29DT Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC100EP29DTG ONSEMI-MC100EP29DTG Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
MC100EP29DTR2 ONSEMI-MC100EP29DTR2 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC100EP29DTR2G ONSEMI-MC100EP29DTR2G Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
MC100EP29MNG ONSEMI-MC100EP29MNG Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
More results

Similar Description - MC100EP29

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com