Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP31 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10EP31
Description  3.3V / 5V ECL D Flip?묯lop with Set and Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP31 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10EP31_06 Datasheet HTML 2Page - ON Semiconductor MC10EP31_06 Datasheet HTML 3Page - ON Semiconductor MC10EP31_06 Datasheet HTML 4Page - ON Semiconductor MC10EP31_06 Datasheet HTML 5Page - ON Semiconductor MC10EP31_06 Datasheet HTML 6Page - ON Semiconductor MC10EP31_06 Datasheet HTML 7Page - ON Semiconductor MC10EP31_06 Datasheet HTML 8Page - ON Semiconductor MC10EP31_06 Datasheet HTML 9Page - ON Semiconductor MC10EP31_06 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10EP31, MC100EP31
http://onsemi.com
6
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 14)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(Figure 2)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
CLK to Q, Q
S, R to Q, Q
250
300
330
380
400
450
270
330
340
400
410
470
300
360
370
430
440
500
ps
tRR
Set/Reset Recovery
225
225
225
ps
tS
tH
Setup Time
Hold Time
100
150
100
150
100
150
ps
tPW
Minimum Pulse width
SET, RESET
550
450
550
450
550
450
ps
tJITTER
Cycle−to−Cycle Jitter
(Figure 2)
0.2
< 1
0.2
< 1
0.2
< 1
ps
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
50
120
180
60
130
200
70
150
220
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC−2.0 V.
0
100
200
300
400
500
600
700
800
900
1000
1100
0
1000
2000
3000
4000
5000
6000
1
2
3
4
5
6
7
8
9
10
11
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)


Similar Part No. - MC10EP31_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP31D ONSEMI-MC10EP31D Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
MC10EP31D ONSEMI-MC10EP31D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP31DG ONSEMI-MC10EP31DG Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC10EP31DR2 ONSEMI-MC10EP31DR2 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
MC10EP31DR2G ONSEMI-MC10EP31DR2G Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
More results

Similar Description - MC10EP31_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP35 ONSEMI-MC10EP35_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL JK Flip?묯lop
December, 2006 ??Rev. 5
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com