Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD047DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD047DR
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65MLVD047DR Datasheet HTML 5Page - Texas Instruments SN65MLVD047DR Datasheet HTML 6Page - Texas Instruments SN65MLVD047DR Datasheet HTML 7Page - Texas Instruments SN65MLVD047DR Datasheet HTML 8Page - Texas Instruments SN65MLVD047DR Datasheet HTML 9Page - Texas Instruments SN65MLVD047DR Datasheet HTML 10Page - Texas Instruments SN65MLVD047DR Datasheet HTML 11Page - Texas Instruments SN65MLVD047DR Datasheet HTML 12Page - Texas Instruments SN65MLVD047DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
1A
2A
VCC
GND
3A
4A
EN
1Z
1Y
2Y
2Z
3Z
3Y
4Y
4Z
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
1A
2A
VCC
GND
3A
4A
EN
1Z
1Y
2Y
2Z
3Z
3Y
4Y
4Z
D PACKAGE
(TOP VIEW)
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
360 k
400
VCC
DRIVER INPUT AND POSITIVE DRIVER ENABLE
D or EN
7 V
400
VCC
EN
7 V
NEGATIVE DRIVER ENABLE
360 k
DRIVER OUTPUT
Y or Z
VCC
SN65MLVD047
SLLS606A – MARCH 2004 – REVISED JULY 2005
DEVICE FUNCTION TABLE
INPUTS(1)
OUTPUTS(1)
D
EN
EN
Y
Z
L
H
L
L
H
H
H
L
H
L
OPEN
H
L
L
H
X
L or OPEN
X
Z
Z
X
X
H or OPEN
Z
Z
(1)
H = high level, L = low level, Z = high impedance, X = Don't Care
9


Similar Part No. - SN65MLVD047DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047DR TI-SN65MLVD047DR Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65MLVD047DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com