Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB1651 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74FB1651
Description  17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB1651 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74FB1651_06 Datasheet HTML 2Page - Texas Instruments SN74FB1651_06 Datasheet HTML 3Page - Texas Instruments SN74FB1651_06 Datasheet HTML 4Page - Texas Instruments SN74FB1651_06 Datasheet HTML 5Page - Texas Instruments SN74FB1651_06 Datasheet HTML 6Page - Texas Instruments SN74FB1651_06 Datasheet HTML 7Page - Texas Instruments SN74FB1651_06 Datasheet HTML 8Page - Texas Instruments SN74FB1651_06 Datasheet HTML 9Page - Texas Instruments SN74FB1651_06 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN74FB1651
17BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
WITH BUFFERED CLOCK LINE
SCBS177O − OCTOBER 1993 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
B port
VCC = 4.5 V,
II = −18 mA
−1.2
V
VIK
Except B port
VCC = 4.5 V,
II = −40 mA
−0.5
V
VOH
AO port
VCC = 4.5 V,
IOH = −3 mA
2.5
3.3
V
AO port
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
VOL
B port
VCC = 4.5 V
IOL = 80 mA
0.75
1.1
V
VOL
B port
VCC = 4.5 V
IOL = 100 mA
1.15
V
II
Except B port
VCC = 5.5 V,
VI = 5.5 V
50
µA
IIH‡
Except B port
VCC = 5.5 V,
VI = 2.7 V
50
µA
IIL‡
Except B port
VCC = 5.5 V,
VI = 0.5 V
−50
A
IIL‡
B port
VCC = 5.5 V,
VI = 0.75 V
−100
µA
IOZH
AO port
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
AO port
VCC = 5.5 V,
VO = 0.5 V
−50
µA
IOZPU
AO port
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V
50
µA
IOZPD
AO port
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V
−50
µA
IOH
B port
VCC = 0 to 5.5 V,
VO = 2.1 V
100
µA
IOS§
A port
VCC = 5.5 V,
VO = 0
−30
−150
mA
ICC
A port to B port
VCC = 5.5 V,
IO = 0
100
mA
ICC
B port to A port
VCC = 5.5 V,
IO = 0
120
mA
Ci
AI port
VI = 0.5 V or 2.5 V
5.5
pF
Ci
Control inputs
VI = 0.5 V or 2.5 V
5.5
pF
Co
AO ports
VO = 0.5 V or 2.5 V
5.5
pF
Cio
B port per IEEE Std 1194.1-1991
VCC = 0 to 5.5 V
5.5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
live-insertion specifications over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC (BIAS VCC)
VCC = 0 to 4.5 V
VB = 0 to 2 V,
VI (BIAS VCC) = 4.5 V to 5.5 V
450
A
ICC (BIAS VCC)
VCC = 4.5 V to 5.5 V
VB = 0 to 2 V,
VI (BIAS VCC) = 4.5 V to 5.5 V
10
µA
VO
B port
VCC = 0,
VI (BIAS VCC) = 5 V
1.62
2.1
V
VCC = 0 ,
VB = 1 V,
VI (BIAS VCC) = 4.5 V to 5.5 V
−1
A
IO
B port
VCC = 0 to 2.2 V,
OEB = 0 to 5 V
100
µA
IO
B port
VCC = 0 to 5.5 V,
OEB = 0 to 0.8 V
1
mA


Similar Part No. - SN74FB1651_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
More results

Similar Description - SN74FB1651_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1653 TI-SN74FB1653 Datasheet
201Kb / 12P
[Old version datasheet]   17-BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1650 TI-SN74FB1650 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16616 FAIRCHILD-GTLP16616 Datasheet
72Kb / 10P
   17-Bit TTL/GTLP Bus Transceiver with Buffered Clock
GTLP16617 FAIRCHILD-GTLP16617 Datasheet
74Kb / 10P
   17-Bit TTL/GTLP Synchronous Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74GTL16616 TI-SN74GTL16616_06 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
logo
Fairchild Semiconductor
GTLP17T616 FAIRCHILD-GTLP17T616 Datasheet
93Kb / 10P
   17-Bit LVTTL/GTLP Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com