Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB1651 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74FB1651
Description  17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB1651 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74FB1651 Datasheet HTML 4Page - Texas Instruments SN74FB1651 Datasheet HTML 5Page - Texas Instruments SN74FB1651 Datasheet HTML 6Page - Texas Instruments SN74FB1651 Datasheet HTML 7Page - Texas Instruments SN74FB1651 Datasheet HTML 8Page - Texas Instruments SN74FB1651 Datasheet HTML 9Page - Texas Instruments SN74FB1651 Datasheet HTML 10Page - Texas Instruments SN74FB1651 Datasheet HTML 11Page - Texas Instruments SN74FB1651 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SN74FB1651
17BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
WITH BUFFERED CLOCK LINE
SCBS177O − OCTOBER 1993 − REVISED MARCH 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
AI
B
1.8
3.7
5.3
1.8
6.2
ns
tPHL
AI
B
2.9
4.4
6
2.9
6.6
ns
tPLH
LEAB
B
2.7
4.2
5.8
2.7
6.4
ns
tPHL
LEAB
B
3.5
5
6.5
3.5
7.3
ns
tPLH
CLKAB
B
2.3
3.9
5.5
2.3
6
ns
tPHL
CLKAB
B
2.9
4.5
6.1
2.9
6.7
ns
tPLH
2CLKAB
2CLKAB
4.6
6.9
8.8
4.6
9.9
ns
tPHL
2CLKAB
2CLKAB
4.9
6.5
8.1
4.9
8.8
ns
tPLH
B
AO
3.5
5.9
7.9
3.5
8
ns
tPHL
B
AO
2.2
3.7
5.3
2.2
5.7
ns
tPLH
LEBA
AO
1.8
3.2
4.6
1.8
5.1
ns
tPHL
LEBA
AO
1.7
3
4.4
1.7
4.7
ns
tPLH
CLKBA
AO
1.8
3.1
4.6
1.8
5.1
ns
tPHL
CLKBA
AO
1.7
3.1
4.6
1.7
4.9
ns
tPLH
2CLKAB
2CLK
6.4
9.7
11.8
6.4
13.4
ns
tPHL
2CLKAB
2CLK
4.1
6.9
8.9
4.1
10.3
ns
tPLH
OEB
B
2.7
4.6
6.4
2.7
6.7
ns
tPHL
OEB
B
2.9
4.1
5.9
2.9
6.6
ns
tPLH
OEB
B
2.6
4.3
6.2
2.6
6.6
ns
tPHL
OEB
B
3.4
4.6
6.4
3.4
7
ns
tPZH
OEA
AO
1.4
2.9
4.4
1.4
4.9
ns
tPZL
OEA
AO
1.4
2.6
4
1.4
4.6
ns
tPHZ
OEA
AO
1.7
3.4
5.1
1.7
5.8
ns
tPLZ
OEA
AO
2.2
3.6
5
2.2
5.5
ns
tPZH
OEA
AO
1.7
3.3
4.7
1.7
5.5
ns
tPZL
OEA
AO
1.7
3.1
4.4
1.7
5.1
ns
tPHZ
OEA
AO
1.5
2.9
4.5
1.5
5.1
ns
tPLZ
OEA
AO
2
3.1
4.6
2
4.8
ns
tsk(p)†
Pulse skew, AI to B or B to AO
1
ns
tsk(o)†
Output skew, AI to B or B to AO
0.5
ns
tt
B outputs (1.3 V to 1.8 V)
0.9
1.7
0.5
4.6
ns
tt
Transition time
AO outputs (10% to 90%)
0.5
2
0.4
4.2
ns
B-port input pulse rejection
1
1
ns
† Skew values are applicable for through mode only.


Similar Part No. - SN74FB1651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
More results

Similar Description - SN74FB1651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1653 TI-SN74FB1653 Datasheet
201Kb / 12P
[Old version datasheet]   17-BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1650 TI-SN74FB1650 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16616 FAIRCHILD-GTLP16616 Datasheet
72Kb / 10P
   17-Bit TTL/GTLP Bus Transceiver with Buffered Clock
GTLP16617 FAIRCHILD-GTLP16617 Datasheet
74Kb / 10P
   17-Bit TTL/GTLP Synchronous Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74GTL16616 TI-SN74GTL16616_06 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
logo
Fairchild Semiconductor
GTLP17T616 FAIRCHILD-GTLP17T616 Datasheet
93Kb / 10P
   17-Bit LVTTL/GTLP Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com