Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC543APW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC543APW
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC543APW Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC543APW Datasheet HTML 1Page - Texas Instruments SN74LVC543APW Datasheet HTML 2Page - Texas Instruments SN74LVC543APW Datasheet HTML 3Page - Texas Instruments SN74LVC543APW Datasheet HTML 4Page - Texas Instruments SN74LVC543APW Datasheet HTML 5Page - Texas Instruments SN74LVC543APW Datasheet HTML 6Page - Texas Instruments SN74LVC543APW Datasheet HTML 7Page - Texas Instruments SN74LVC543APW Datasheet HTML 8Page - Texas Instruments SN74LVC543APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74LVC543A
OCTAL REGISTERED TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS299H − JANUARY 1993 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = −100 µA
1.65 V to 3.6 V
VCC−0.2
IOH = −4 mA
1.65 V
1.2
VOH
IOH = −8 mA
2.3 V
1.7
V
VOH
IOH = −12 mA
2.7 V
2.2
V
IOH = −12 mA
3 V
2.4
IOH = −24 mA
3 V
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
II
Control inputs
VI = 0 to 5.5 V
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ‡
VO = 0 to 5.5 V
3.6 V
±10
µA
ICC
VI = VCC or GND
IO = 0
3.6 V
10
A
ICC
3.6 V
≤ VI ≤ 5.5 V§
IO = 0
3.6 V
10
µA
∆ICC
One input at VCC − 0.6 V, Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
4.5
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
7.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This applies in the disabled state only.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
3.3
3.3
ns
tsu
Setup time, data before LE
↑ or CE↑
1.6
1.6
ns
th
Hold time, data after LE
↑ or CE↑
2.1
2.1
ns
¶ This information was not available at the time of publication.


Similar Part No. - SN74LVC543APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC543APW TI-SN74LVC543APW Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543APW TI-SN74LVC543APW Datasheet
202Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543APW TI1-SN74LVC543APW Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543APWE4 TI-SN74LVC543APWE4 Datasheet
202Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543APWLE TI-SN74LVC543APWLE Datasheet
202Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC543APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11544 TI1-74ACT11544 Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A_06 Datasheet
202Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI-SN74F543 Datasheet
96Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com