Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP29DTR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC100EP29DTR2G
Description  3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP29DTR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC100EP29DTR2G Datasheet HTML 3Page - ON Semiconductor MC100EP29DTR2G Datasheet HTML 4Page - ON Semiconductor MC100EP29DTR2G Datasheet HTML 5Page - ON Semiconductor MC100EP29DTR2G Datasheet HTML 6Page - ON Semiconductor MC100EP29DTR2G Datasheet HTML 7Page - ON Semiconductor MC100EP29DTR2G Datasheet HTML 8Page - ON Semiconductor MC100EP29DTR2G Datasheet HTML 9Page - ON Semiconductor MC100EP29DTR2G Datasheet HTML 10Page - ON Semiconductor MC100EP29DTR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC10EP29, MC100EP29
http://onsemi.com
10
PACKAGE DIMENSIONS
TSSOP−20
CASE 948E−02
ISSUE C
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.60
0.260
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
1.20
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
__
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH OR GATE BURRS SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08
(0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
110
11
20
PIN 1
IDENT
A
B
−T−
0.100 (0.004)
C
D
G
H
SECTION N−N
K
K1
JJ1
N
N
M
F
−W−
SEATING
PLANE
−V−
−U−
S
U
M
0.10 (0.004)
V S
T
20X
REF
K
L
L/2
2X
S
U
0.15 (0.006) T
DETAIL E
0.25 (0.010)
DETAIL E
6.40
0.252
−−−
−−−
S
U
0.15 (0.006) T
7.06
16X
0.36
16X
1.26
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - MC100EP29DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP29DTR2G ONSEMI-MC100EP29DTR2G Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
More results

Similar Description - MC100EP29DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com