Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP33DR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC10EP33DR2
Description  3.3V / 5V ECL 첨4 Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP33DR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC10EP33DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 8Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 9Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 10Page - ON Semiconductor MC10EP33DR2 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MC10EP33, MC100EP33
http://onsemi.com
11
PACKAGE DIMENSIONS
DFN8
CASE 506AA−01
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2 X
REFERENCE
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
(A3)
D2
E2
C
C
0.10
C
0.10
C
0.08
8 X
A1
SEATING
PLANE
e/2
e
8 X
K
NOTE 3
b
8 X
0.10 C
0.05 C
A BB
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
2.00 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.70
0.90
e
0.50 BSC
K
0.20
−−−
L
0.25
0.35
1
4
8
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC10EP33/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MC10EP33DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33DR2 ONSEMI-MC10EP33DR2 Datasheet
89Kb / 8P
   첨4 Divider
December, 1999 ??Rev. 1
MC10EP33DR2 ONSEMI-MC10EP33DR2 Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
MC10EP33DR2G ONSEMI-MC10EP33DR2G Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
More results

Similar Description - MC10EP33DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com