Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH16903DLR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALVCH16903DLR
Description  3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16903DLR Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALVCH16903DLR Datasheet HTML 1Page - Texas Instruments SN74ALVCH16903DLR Datasheet HTML 2Page - Texas Instruments SN74ALVCH16903DLR Datasheet HTML 3Page - Texas Instruments SN74ALVCH16903DLR Datasheet HTML 4Page - Texas Instruments SN74ALVCH16903DLR Datasheet HTML 5Page - Texas Instruments SN74ALVCH16903DLR Datasheet HTML 6Page - Texas Instruments SN74ALVCH16903DLR Datasheet HTML 7Page - Texas Instruments SN74ALVCH16903DLR Datasheet HTML 8Page - Texas Instruments SN74ALVCH16903DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
(1)
SN74ALVCH16903
3.3-V 12-BIT UNIVERSAL BUS DRIVER
WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
SCES095D – MARCH 1997 – REVISED SEPTEMBER 2004
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
4.6
V
VI
Input voltage range(2)
-0.5
4.6
V
VO
Output voltage range(2)(3)
-0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
-50
mA
IOK
Output clamp current
VO < 0
-50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
DGG package
81
θ
JA
Package thermal impedance(4)
DGV package
86
°C/W
DL package
74
Tstg
Storage temperature range
-65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 2.7 V to 3.6 V
2
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2.3 V
-12
Y port
VCC = 2.7 V
-12
IOH
High-level output current
mA
PARI/O
-12
VCC = 3 V
Y port
-24
VCC = 2.3 V
12
Y port
VCC = 2.7 V
12
IOL
Low-level output current
PARI/O
12
mA
VCC = 3 V
Y port
24
YERR output
24
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
0
70
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


Similar Part No. - SN74ALVCH16903DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16903DL TI-SN74ALVCH16903DL Datasheet
183Kb / 12P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH16903DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16903 TI-SN74ALVCH16903 Datasheet
183Kb / 12P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCH16903 IDT-IDT74ALVCH16903 Datasheet
125Kb / 13P
   3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162835 TI-SN74ALVCF162835 Datasheet
183Kb / 12P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ACT11656 TI1-74ACT11656 Datasheet
253Kb / 11P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH PARITY CHECKER/GENERATOR AND 3-STATE OUTPUTS
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com